Electronic Components Datasheet Search
  English  ▼

X  

PMT760EN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMT760EN
Description  100 V N-channel Trench MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMT760EN Datasheet(HTML) 2 Page - NXP Semiconductors

  PMT760EN Datasheet HTML 1Page - NXP Semiconductors PMT760EN Datasheet HTML 2Page - NXP Semiconductors PMT760EN Datasheet HTML 3Page - NXP Semiconductors PMT760EN Datasheet HTML 4Page - NXP Semiconductors PMT760EN Datasheet HTML 5Page - NXP Semiconductors PMT760EN Datasheet HTML 6Page - NXP Semiconductors PMT760EN Datasheet HTML 7Page - NXP Semiconductors PMT760EN Datasheet HTML 8Page - NXP Semiconductors PMT760EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NXP Semiconductors
PMT760EN
100 V N-channel Trench MOSFET
PMT760EN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
25 October 2012
2 / 13
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
G
gate
2
D
drain
3
S
source
4
D
drain
1
3
2
4
SC-73 (SOT223)
S
D
G
017aaa253
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMT760EN
SC-73
plastic surface-mounted package with increased heatsink; 4
leads
SOT223
4. Marking
Table 4.
Marking codes
Type number
Marking code
PMT760EN
T760EN
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
100
V
VGS
gate-source voltage
Tj = 25 °C
-20
20
V
VGS = 10 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
1.3
A
VGS = 10 V; Tamb = 25 °C
[1]
-
0.9
A
ID
drain current
VGS = 10 V; Tamb = 100 °C
[1]
-
0.6
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
5.1
A
[2]
-
800
mW
Tamb = 25 °C
[1]
-
1700
mW
Ptot
total power dissipation
Tsp = 25 °C
-
6200
mW
Tj
junction temperature
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com