Electronic Components Datasheet Search
  English  ▼

X  

SAM3X8E Datasheet(PDF) 39 Page - ATMEL Corporation

Part # SAM3X8E
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X8E Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button SAM3X8E Datasheet HTML 35Page - ATMEL Corporation SAM3X8E Datasheet HTML 36Page - ATMEL Corporation SAM3X8E Datasheet HTML 37Page - ATMEL Corporation SAM3X8E Datasheet HTML 38Page - ATMEL Corporation SAM3X8E Datasheet HTML 39Page - ATMEL Corporation SAM3X8E Datasheet HTML 40Page - ATMEL Corporation SAM3X8E Datasheet HTML 41Page - ATMEL Corporation SAM3X8E Datasheet HTML 42Page - ATMEL Corporation SAM3X8E Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
41
11057BS–ATARM–13-Jul-12
SAM3X/A
41
11057BS–ATARM–13-Jul-12
SAM3X/A
The SAM-BA Boot is in ROM and is mapped in Flash at address 0x0 when GPNVM bit 1 is set
to 0.
9.1.3.10
GPNVM Bits
The SAM3X/A series features three GPNVM bits that can be cleared or set respectively through
the “Clear GPNVM Bit” and “Set GPNVM Bit” commands of the EEFC0 User Interface.
9.1.4
Boot Strategies
The system always boots at address 0x0. To ensure maximum boot possibilities, the memory
layout can be changed via GPNVM.
A general-purpose NVM (GPNVM1) bit is used to boot either on the ROM (default) or from the
Flash.
The GPNVM bit can be cleared or set respectively through the "Clear General-purpose NVM Bit"
and "Set General-purpose NVM Bit" commands of the EEFC User Interface.
Setting GPNVM Bit 1 selects the boot from the Flash, clearing it selects the boot from the ROM.
Asserting ERASE clears GPNVM Bit 1 and thus selects the boot from the ROM by default.
GPNVM2 enables to select if Flash 0 or Flash 1 is used for the boot.
Setting GPNVM bit 2 selects the boot from Flash 1, clearing it selects the boot from Flash 0.
Table 9-3.
General Purpose Non-volatile Memory Bits
GPNVMBit[#]
Function
0
Security bit
1
Boot mode selection
2
Flash selection (Flash 0 or Flash 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com