Electronic Components Datasheet Search
  English  ▼

X  

RT9032 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9032
Description  Programmable Dual Output Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9032 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9032 Datasheet HTML 1Page - Richtek Technology Corporation RT9032 Datasheet HTML 2Page - Richtek Technology Corporation RT9032 Datasheet HTML 3Page - Richtek Technology Corporation RT9032 Datasheet HTML 4Page - Richtek Technology Corporation RT9032 Datasheet HTML 5Page - Richtek Technology Corporation RT9032 Datasheet HTML 6Page - Richtek Technology Corporation RT9032 Datasheet HTML 7Page - Richtek Technology Corporation RT9032 Datasheet HTML 8Page - Richtek Technology Corporation RT9032 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9032
®
DS9032-03 August 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
Mobile Phone
Smart Hand-Held Devices
Digital Still Camera
Battery-Powered Equipments
PCMCIA Cards
Programmable Dual Output Linear Regulator
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
General Description
The RT9032 is a dual channels, low noise and low dropout
voltage regulator souring up to 300mA at each channel.
The output voltage range is from 1.1V to 3.3V by operating
voltage range from 2.5V to 5.5V.
The output voltages of the RT9032 can be programmed by
setting the voltage of P1 and P2. There are 9 different
voltage settings in one chip. User can choose output
voltages easily by setting P1, P2 to VDD, GND or floating.
The RT9032 offers 3% accuracy, low dropout (330mV
@300mA) and extremely low ground current, only 32
μA
per LDO. The shutdown current is near to zero current
which is suitable for battery-powered device. Other
features include current limiting, over temperature
protection and output short circuit protection.
The RT9032 can operate stable with very small ceramic
output capacitors, reducing required board space and
component cost. The RT9032 is available in WDFN-8L
2x2 and WQFN-8L 1.6x1.6 (COL) packages.
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V
Dual LDO Output
Pin Programmable Output Voltage
Low-Noise for RF Application
No Noise Bypass Capacitor Required
Fast Response in Line/Load Transient
Low Quiescent Current of 32
μμμμμA/LDO
3% High Output Accuracy
Current Limiting Protection
Thermal Shutdown Protection
Short Circuit Protection
Tiny WDFN-8L 2x2 and WQFN-8L 1.6x1.6 (COL)
Packages
RoHS Compliant and Halogen Free
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
WQFN-8L 1.6x1.6 (COL)
VIN
EN1
VOUT1
VOUT2
P2
EN2
7
6
5
1
2
3
P1
GND
4
8
VIN
EN1
VOUT1
VOUT2
GND
P2
7
6
5
1
2
3
4
8
P1
EN2
9
RT9032
Package Type
QW : WDFN-8L 2x2 (W-Type)
QWA : WQFN-8L 1.6x1.6 (COL) (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
A : Combination A
B : Combination B
C : Combination C
D : Combination D
J : Combination J


Similar Part No. - RT9032

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9038 RICHTEK-RT9038 Datasheet
157Kb / 9P
The RT9038 is a high-performance
More results

Similar Description - RT9032

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33710 FREESCALE-33710 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
Linear Technology
LT3070 LINER-LT3070 Datasheet
212Kb / 24P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
LT3070 LINER-LT3070_1 Datasheet
510Kb / 28P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Monolithic Power System...
MP20043 MPS-MP20043 Datasheet
308Kb / 13P
Dual Channel, 300mA Linear Regulator With Programmable Output Voltage and Output Discharge
MP20142 MPS-MP20142 Datasheet
385Kb / 13P
Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
logo
Semtech Corporation
SC560DULTRT SEMTECH-SC560DULTRT Datasheet
312Kb / 18P
Dual Output Low Noise LDO Linear Regulator
logo
Linear Technology
LT3070 LINER-LT3070_15 Datasheet
838Kb / 30P
5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator
logo
Texas Instruments
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com