Electronic Components Datasheet Search
  English  ▼

X  

SLD302B Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD302B
Description  Block-type 200mW High Power Laser Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD302B Datasheet(HTML) 1 Page - Sony Corporation

  SLD302B Datasheet HTML 1Page - Sony Corporation SLD302B Datasheet HTML 2Page - Sony Corporation SLD302B Datasheet HTML 3Page - Sony Corporation SLD302B Datasheet HTML 4Page - Sony Corporation SLD302B Datasheet HTML 5Page - Sony Corporation SLD302B Datasheet HTML 6Page - Sony Corporation SLD302B Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Block-type 200mW High Power Laser Diode
Description
The SLD302B is a high power laser diode mounted on a 3
× 3 × 5mm Copper block.
It is ideal for applications which require a minimal distance between the laser facet and external optical parts.
Features
• Compact size
3
× 3 × 5mm block
• High power output
Po = 200mW
• Hole for thermistor
Applications
• Solid state laser excitation
• Medical use
Structure
GaAlAs double hetero-type laser diode
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
Po
200
mW
• Recommended optical power output
Po
180
mW
• Reverse voltage
VR LD
2
V
• Operating temperature
Topr
–10 to +50
°C
• Storage temperature
Tstg
–40 to +85
°C
Pin Configuration
– 1 –
E89104A81-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD302B
No.
1
2
Function
LD cathode
LD anode
2 LD anode
1 LD cathode


Similar Part No. - SLD302B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
SLD302V ROITHNER-SLD302V Datasheet
63Kb / 7P
200mW High Power Laser Diode
SLD302V-1 ROITHNER-SLD302V-1 Datasheet
63Kb / 7P
200mW High Power Laser Diode
SLD302V-2 ROITHNER-SLD302V-2 Datasheet
63Kb / 7P
200mW High Power Laser Diode
SLD302V-21 ROITHNER-SLD302V-21 Datasheet
63Kb / 7P
200mW High Power Laser Diode
SLD302V-24 ROITHNER-SLD302V-24 Datasheet
63Kb / 7P
200mW High Power Laser Diode
More results

Similar Description - SLD302B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD301B SONY-SLD301B Datasheet
63Kb / 7P
Block-type 100mW High Power Laser Diode
SLD302WT SONY-SLD302WT Datasheet
149Kb / 7P
200mW HIGH POWER LASER DIODE
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
200mW High Power Laser Diode
SLD303B SONY-SLD303B Datasheet
116Kb / 6P
BLOCK-TYPE 500mW HIGH POWER LASER DIODE
SLD304B SONY-SLD304B Datasheet
64Kb / 7P
Block-type 1000mW High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
SLD302V ROITHNER-SLD302V Datasheet
63Kb / 7P
200mW High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com