Electronic Components Datasheet Search
  English  ▼

X  

RT9104 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9104
Description  3W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9104 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9104 Datasheet HTML 1Page - Richtek Technology Corporation RT9104 Datasheet HTML 2Page - Richtek Technology Corporation RT9104 Datasheet HTML 3Page - Richtek Technology Corporation RT9104 Datasheet HTML 4Page - Richtek Technology Corporation RT9104 Datasheet HTML 5Page - Richtek Technology Corporation RT9104 Datasheet HTML 6Page - Richtek Technology Corporation RT9104 Datasheet HTML 7Page - Richtek Technology Corporation RT9104 Datasheet HTML 8Page - Richtek Technology Corporation RT9104 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
DS9104-01 April 2011
www.richtek.com
RT9104
Typical Application Circuit
INL
VOLUME_IN
GND
BYPASS
LOUT+
INR
RT9104
VDD
CINR
CINL
CB
0.22µF
0.22µF
Audio Input
2.2µF
RL
CAVDD
0.1µF
AVDD
CPVDD2
0.1µF
CPVDD1
10µF
PVDD
In from DAC or
Potentiometer
(DC Volatge)
CVOL
1µF
Ferrite Bead
Ferrite Bead
LOUT-
ROUT+
ROUT-
Ferrite Bead
RL
1nF
1nF
1nF
Ferrite Bead
1nF
SHDN
CLOUT+
CLOUT-
CROUT+
CROUT-
GU= : Product Code
YMDNN : Date Code
Marking Information
RT9104GN : Product Number
YMDNN : Date Code
RT9104GS : Product Number
YMDNN : Date Code
RT9104GN
RT9104GS
RT9104GQW
RichTek
RT9104
GNYMDNN
RT9104
GSYMDNN
GU=YM
DNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com