Electronic Components Datasheet Search
  English  ▼

X  

RT9827 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9827
Description  Micro-Power Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9827 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9827 Datasheet HTML 1Page - Richtek Technology Corporation RT9827 Datasheet HTML 2Page - Richtek Technology Corporation RT9827 Datasheet HTML 3Page - Richtek Technology Corporation RT9827 Datasheet HTML 4Page - Richtek Technology Corporation RT9827 Datasheet HTML 5Page - Richtek Technology Corporation RT9827 Datasheet HTML 6Page - Richtek Technology Corporation RT9827 Datasheet HTML 7Page - Richtek Technology Corporation RT9827 Datasheet HTML 8Page - Richtek Technology Corporation RT9827 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9827
1
DS9827-01 April 2011
www.richtek.com
Features
Internally Fixed Threshold 1.2V to 5V in 0.1V Step
High Accuracy
±±±±±1.5%
Low Supply Current 3
μμμμμA
No External Components Required
Quick Reset within 20
μμμμμs
Built-in Recovery Delay Include 0ms, 55ms, 220ms,
450ms Options
Low Functional Supply Voltage 0.9V
N-Channel Open-Drain Output
Small SC-82, SC-70-3, SOT-23-3, SOT-23-5, SOT-89
Packages
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Computers
Controllers
Intelligent Instruments
Critical
μP and μC Power Monitoring
Portable/Battery-Powered Equipment
Micro-Power Voltage Detector
General Description
The RT9827 is a micro-power voltage detector supervising
the power supply voltage level for microprocessors (
μP) or
digital systems. It provides internally fixed threshold levels
with 0.1V per step ranging from 1.2V to 5V, which covers
most digital applications. It features low supply current of
3
μA. The RT9827 performs supervisory function by sending
out a reset signal whenever the VDD voltage falls below a
preset threshold level. This reset signal will last the whole
period before VDD recovering. Once VDD recovered
upcrossing the threshold level, the reset signal will be
released after a certain delay time. RT9827 is provided in
SC-82, SC-70-3, SOT-23-3, SOT-23-5 and SOT-89
packages.
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
GND
RESET/
RESET
VDD
RT9827
RESET/
RESET
VDD
µP
Pull Up
100k
Typical Application Circuit
RT9827
Package Type
U3 : SC-70-3
V : SOT-23-3
VL : SOT-23-3 (L-Type)
B : SOT-23-5
X : SOT-89
Y : SC-82
YR : SC-82 (R-Type)
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
Threshold Voltage
12 : 1.2V
13 : 1.3V
:
49 : 4.9V
50 : 5.0V
-
Reset Active Timeout Period
A = 0ms (RESET)
B = 55ms (RESET)
C = 220ms (RESET)
D = 450ms (RESET)
E = 0ms (RESET)
F = 55ms (RESET)
G = 220ms (RESET)
H = 450ms (RESET)


Similar Part No. - RT9827

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9823 RICHTEK-RT9823 Datasheet
144Kb / 7P
Smart Multi-Voltage Detector
RT9824 RICHTEK-RT9824 Datasheet
157Kb / 8P
Smart Multi-Voltage Detector
RT9824C RICHTEK-RT9824C Datasheet
151Kb / 10P
Smart Multi-Voltage Detector
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
Dual Micro-Power Voltage Detectors
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
Dual Push-Button Reset
More results

Similar Description - RT9827

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1061 STMICROELECTRONICS-STM1061_06 Datasheet
193Kb / 23P
Low Power Voltage Detector
27-Jul-2006
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807 Datasheet
176Kb / 7P
Micro-Power Voltage Detector with Manual Reset
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Richtek Technology Corp...
RT9807 RICHTEK-RT9807_15 Datasheet
167Kb / 7P
Micro-Power Voltage Detector
RT9834 RICHTEK-RT9834 Datasheet
157Kb / 13P
Micro-Power Voltage Detector with Manual Reset
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
logo
Diodes Incorporated
APX803L DIODES-APX803L Datasheet
554Kb / 22P
MICRO POWER VOLTAGE DETECTOR
April 2016
APX809S DIODES-APX809S Datasheet
644Kb / 10P
3-PIN MICRO POWER VOLTAGE DETECTOR
February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com