Electronic Components Datasheet Search
  English  ▼

X  

RT9378 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9378
Description  4 CHs 100mA x1/x1.5/x2 Charge Pump White LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9378 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9378 Datasheet HTML 1Page - Richtek Technology Corporation RT9378 Datasheet HTML 2Page - Richtek Technology Corporation RT9378 Datasheet HTML 3Page - Richtek Technology Corporation RT9378 Datasheet HTML 4Page - Richtek Technology Corporation RT9378 Datasheet HTML 5Page - Richtek Technology Corporation RT9378 Datasheet HTML 6Page - Richtek Technology Corporation RT9378 Datasheet HTML 7Page - Richtek Technology Corporation RT9378 Datasheet HTML 8Page - Richtek Technology Corporation RT9378 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9378
2
DS9378-03 April 2011
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
C1N
Fly Capacitor 1 Negative Connection.
2
13 (Exposed Pad)
GND
Ground Pin. The exposed pad must be soldered to a large PCB and connected
to GND for maximum power dissipation.
3
C1P
Fly Capacitor 1 Positive Connection.
4
C2P
Fly Capacitor 2 Positive Connection.
5
VIN
Power Input.
6
EN
Chip Enable (Active High).
7
LED1
Current Sink for LED1. (If not in use, connect this pin to VIN)
8
LED2
Current Sink for LED2. (If not in use, connect this pin to VIN)
9
LED3
Current Sink for LED3. (If not in use, connect this pin to VIN)
10
LED4
Current Sink for LED4. (If not in use, connect this pin to VIN)
11
VOUT
Charge Pump Output.
12
C2N
Fly Capacitor 2 Negative Connection.
EN
LED1
LED4
LED2
LED3
1MHz
OSC
PWM Dimming
Controller
Soft Start
Circuit
Current Source
Shutdown Delay
VIN
VOUT
Gate Driver
UVLO
OVP
Min VDS
+
-
C1P
C2P C2N
C1N
Mode Decision
Current
Bias
Vr1
GND
2µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com