Electronic Components Datasheet Search
  English  ▼

X  

RT9941 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT9941
Description  Power Management ICs for Handheld Device
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9941 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT9941 Datasheet HTML 25Page - Richtek Technology Corporation RT9941 Datasheet HTML 26Page - Richtek Technology Corporation RT9941 Datasheet HTML 27Page - Richtek Technology Corporation RT9941 Datasheet HTML 28Page - Richtek Technology Corporation RT9941 Datasheet HTML 29Page - Richtek Technology Corporation RT9941 Datasheet HTML 30Page - Richtek Technology Corporation RT9941 Datasheet HTML 31Page - Richtek Technology Corporation RT9941 Datasheet HTML 32Page - Richtek Technology Corporation RT9941 Datasheet HTML 33Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
RT9941
30
DS9941-01 April 2011
www.richtek.com
The RT9941 compares the voltage on the TS pin against the internal VTS thresholds to determine if charging is allowed.
When the temperature outside the VTS thresholds is detected, the device immediately stops the charger. Charging is
resumed when the VTS is recovered to the operation range. However, the user may modify thresholds by adding external
resistors to change biasing voltage.
Timer
As a safety mechanism, the charger has a user programmable timer that monitors the pre-charge and fast charge time.
This timer (charge safety timer) is started at the beginning of the pre-charge and fast charge period. The safety charge
timeout value is set by the value of an external capacitor connected to the TIMR pin (CTIMR), if pin TIMR is short to GND,
the charge safety timer is disabled.
As CTIMR = 0.1
μF, TFAULT is CTIMR (F) x 1.97 x 1011 secs = 19700 secs and TPRECH = TFAULT /8
As timer fault, re-plug-in power or I2C ON/OFF charger again can release the fault condition.
SYS Output
The RT9941 contains a SYS output which can be regulated up to 5V. Bypass SYS to GND with a 22
μF or larger ceramic
capacitor to improve the transient droops. When charging a battery, the load on SYS is serviced first and the remaining
available current goes to charge the battery.
Battery PRE-CHARGE
During a charge cycle, if the battery voltage is below the VPRECH threshold and the RT9941 applies a pre-charge mode to
the battery. This feature revives deeply discharged cells and protects battery life. The RT9941 internally determines the
pre-charge rate as 10% of the fast charge current.
Thermal Regulation
The RT9941 features a thermal limit that reduces the charge current when the die temperature exceeds +125
°C. As the
temperature increases, the RT9941 features a junction temperature regulation loop. If the power dissipation of the IC
results in a junction temperature greater than the thermal regulation threshold (125
°C), the RT9941 throttles back on the
charge current in order to maintain a junction temperature around the thermal regulation threshold (125
°C). The RT9941
monitors the junction temperature, TJ, of the die and disconnects the battery from the input if TJ exceeds 125°C. This
operation continues until junction temperature falls below the thermal regulation threshold (125
°C) by the hysteresis
level. This feature prevents the maximum power dissipation from exceeding typical design conditions.
Figure 21. Connection of Battery Temperature Monitor
With Divider
T2
T1
NTC
TS
TS
T1
T2
NTC
R(R
R
)
VI
RR
R
×+
=×
++
Temperature
Sense
A
ITS
TS
0.1uF to 10uF
NTC
VBATT
Battery
RT1
RT2
Figure 20. Connection of Battery Temperature Monitor
TS
TS
VR
100uA
=×
Temperature
Sense
A
ITS
TS
0.1uF to 10uF
NTC
VBATT
Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com