Electronic Components Datasheet Search
  English  ▼

X  

RT9953 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9953
Description  41 CH Power Management IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9953 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9953 Datasheet HTML 3Page - Richtek Technology Corporation RT9953 Datasheet HTML 4Page - Richtek Technology Corporation RT9953 Datasheet HTML 5Page - Richtek Technology Corporation RT9953 Datasheet HTML 6Page - Richtek Technology Corporation RT9953 Datasheet HTML 7Page - Richtek Technology Corporation RT9953 Datasheet HTML 8Page - Richtek Technology Corporation RT9953 Datasheet HTML 9Page - Richtek Technology Corporation RT9953 Datasheet HTML 10Page - Richtek Technology Corporation RT9953 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RT9953
7
DS9953-02 April 2011
www.richtek.com
Electrical Characteristics
(VDDM = 3.3V, TA = 25
°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
l
Supply Voltage, VDDM, PVDD5 -------------------------------------------------------------------------------------- 0.3V to 7V
l
Power Switch :
LX1, LX2, LX3, LX4-------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
l
The Other Pins -----------------------------------------------------------------------------------------------------------
−0.3V to 6.5V
l
Power Dissipation, PD @ TA = 25
°C
WQFN 24L 4x4 ----------------------------------------------------------------------------------------------------------- 1.852W
l
Package Thermal Resistance (Note 2)
WQFN 24L 4x4,
θJA ----------------------------------------------------------------------------------------------------- 54°C/W
WQFN 24L 4x4,
θJC -----------------------------------------------------------------------------------------------------7°C/W
l
Junction Temperature --------------------------------------------------------------------------------------------------- 150
°C
l
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------ 260
°C
l
Storage Temperature Range -------------------------------------------------------------------------------------------
−65°C to 150°C
l
ESD Susceptibility (Note 3)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ---------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 4)
l
Junction Temperature Range ------------------------------------------------------------------------------------------
−40°C to 125°C
l
Ambient Temperature Range ------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
M ax
Unit
Supply Voltage
VDDM Operating Voltage
VDDM
2.7
--
5.5
V
VDDM Startup Voltage
VST
1.5
--
--
V
VDDM Over Voltage Protection
5.7
6
6.25
V
PVDD5 Operating Voltage
VPVDD5
2.5
--
5.5
V
Supply Current
Shutdown Supply Current into VDDM
IOFF
All EN = 0
--
--
0.1
µA
CH1 (Syn Step-Up) : Supply Current
into VDDM
IQ1
Non Switching, EN1 = 3.3V
--
--
800
µA
CH2 (Syn Step-Up or Syn
Step-Down) : Supply Current into
VDDM
IQ2
Non Switching, EN2 = 3.3V
--
--
800
µA
CH3 (Syn Step-Down) :
Supply Current into VDDM
IQ3
Non Switching, EN3 = 3.3V
--
--
800
µA
CH4 (Syn Step-Down) :
Supply Current into VDDM
IQ4
Non Switching, EN4 = 3.3V
--
--
800
µA
CH5 (LDO) :
Supply Current into PVDD5
IQ5
EN5 = 3.3V, IOUT = 0mA
--
90
130
µA
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com