Electronic Components Datasheet Search
  English  ▼

X  

RT9396 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9396
Description  I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9396 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9396 Datasheet HTML 1Page - Richtek Technology Corporation RT9396 Datasheet HTML 2Page - Richtek Technology Corporation RT9396 Datasheet HTML 3Page - Richtek Technology Corporation RT9396 Datasheet HTML 4Page - Richtek Technology Corporation RT9396 Datasheet HTML 5Page - Richtek Technology Corporation RT9396 Datasheet HTML 6Page - Richtek Technology Corporation RT9396 Datasheet HTML 7Page - Richtek Technology Corporation RT9396 Datasheet HTML 8Page - Richtek Technology Corporation RT9396 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RT9396
3
DS9396-01 April 2011
www.richtek.com
Figure 2. Control Sequences of LDO Setting and LEDDimming
C7 C6 C5 C4 C3 C2 C1 C0
0
x
x
x
x
x
0
1
0 B4 B3 B2 B1 B0
64-step Current Setting
Channel
ON/OFF
I2C Writing Cycles of Backlighting I (LED1~6)
Stop
Start
Backlight
Address
I2C Writing Cycles of LDOX
16-step Voltage
Setting
0
0
1 B4 B3 B2 B1 B0
0
0
0
0 C3 C2 C1 C0
Start
Stop
1
0
1
0
1
0
0
0
Channel
Selection
LDO
Address
Fade In/Out
Setting
1
0
1
0
1
0
0
0
C7 C6 C5 C4 C3 C2 C1 C0
0
x
x
x
x
x
0
1
1
0 B3 B2 B1 B0
Main 64-step Current Setting
Channel
ON/OFF
I2C Writing Cycles of Backlighting II (Main: LED1~5, Sub: LED6)
Stop
Start
Backlight
Address Main
Fade In/Out
Setting
1
0
1
0
1
0
0
0
C7 C6 C5 C4 C3 C2 C1 C0
0
x
x
x
x
x
1
0
0
0 B2 0 B1 B0
Channel
ON/OFF
I2C Writing Cycles of Backlighting III (Main: LED1~4, Sub: LED5~6)
Stop
Start
Backlight
Address
Fade In/Out
Setting
1
0
1
0
1
0
0
0
Main
Fade In/Out Setting:
01: Every Step of Fade In/Out = 8 ms
10: Every Step of Fade In/Out = 16 ms
11: Every Step of Fade In/Out = 32 ms
C7 C6 C5 C4 C3 C2 C1 C0
0
x
x
x
x
x
0
1
1
1
0
0
0 B0
Sub 64-step Current Setting
Channel
ON/OFF
Stop
Start
Backlight
Address Sub
Fade In/Out
Setting
1
0
1
0
1
0
0
0
Main Fade In/Out Setting:
01: Every Step of Fade In/Out = 8 ms
10: Every Step of Fade In/Out = 16 ms
11: Every Step of Fade In/Out = 32 ms
Sub Fade In/Out Setting:
01: Every Step of Fade In/Out = 8 ms
10: Every Step of Fade In/Out = 16 ms
11: Every Step of Fade In/Out = 32 ms
Main Fade In/Out Setting:
01: Every Step of Fade In/Out = 8 ms
10: Every Step of Fade In/Out = 16 ms
11: Every Step of Fade In/Out = 32 ms
Main 64-step Current Setting
C7 C6 C5 C4 C3 C2 C1 C0
0
x
x
x
x
x
1
0
0
1
0
0
0 B0
Channel
ON/OFF
Stop
Start
Backlight
Address
Fade In/Out
Setting
1
0
1
0
1
0
0
0
Sub
Sub Fade In/Out Setting:
01: Every Step of Fade In/Out = 8 ms
10: Every Step of Fade In/Out = 16 ms
11: Every Step of Fade In/Out = 32 ms
Sub 64-step Current Setting
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com