Electronic Components Datasheet Search
  English  ▼

X  

RT9503A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9503A
Description  Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9503A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9503A Datasheet HTML 7Page - Richtek Technology Corporation RT9503A Datasheet HTML 8Page - Richtek Technology Corporation RT9503A Datasheet HTML 9Page - Richtek Technology Corporation RT9503A Datasheet HTML 10Page - Richtek Technology Corporation RT9503A Datasheet HTML 11Page - Richtek Technology Corporation RT9503A Datasheet HTML 12Page - Richtek Technology Corporation RT9503A Datasheet HTML 13Page - Richtek Technology Corporation RT9503A Datasheet HTML 14Page - Richtek Technology Corporation RT9503A Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT9503A
13
DS9503A-01 April 2011
www.richtek.com
pin and GND pin is recommended. In some applications
depending on the power supply characteristics and cable
length, it may be necessary to add an additional 10
μF
ceramic capacitor to the input. The RT9503A requires a
small output capacitor for loop stability. A 1
μF ceramic
capacitor placed between the BATT pin and GND is typically
sufficient.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum junction temperature, TA
is the ambient temperature, and
θJA is the junction to
ambient thermal resistance.
For recommended operating condition specifications of
RT9503A, the maximum junction temperature is 125
°C
and TA is the ambient temperature. The junction to ambient
thermal resistance,
θJA, is layout dependent. For
WQFN-16L 3x3 packages, the thermal resistance,
θJA, is
68
°C/W on a standard JEDEC 51-7 four-layer thermal test
board. The maximum power dissipation at TA = 25
°C can
be calculated by the following formula :
PD(MAX) = (125
°C − 25°C) / (68°C/W) = 1.471W for
WQFN-16L 3x3 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. For RT9503Apackage, the derating curve
in Figure 7 allows the designer to see the effect of rising
ambient temperature on the maximum power dissipation.
Figure 7. Derating Curves for RT9503A Package
Layout Consideration
The RT9503A is a fully integrated low cost single-cell Li-
Ion battery charger ideal for portable applications. Careful
PCB layout is necessary. The following guidelines should
be strictly followed to achieve best performance of the
RT9503A.
Input capacitor should be placed close to the IC and
connected to the ground plane. The trace of the input in
the PCB should be placed far away from the sensitive
devices or shielded by the ground.
The GND should be connected to a strong ground plane
for heat sinking and noise protection.
Connection of the RSETA should be isolated from other
noisy traces. A short wire is recommended to prevent
EMI and noise coupling.
Output capacitor should be placed close to the IC and
connected to ground plane to reduce noise coupling.
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com