Electronic Components Datasheet Search
  English  ▼

X  

RT9524 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9524
Description  Linear Single Cell Li-Ion Battery Charger IC for Portable Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9524 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9524 Datasheet HTML 1Page - Richtek Technology Corporation RT9524 Datasheet HTML 2Page - Richtek Technology Corporation RT9524 Datasheet HTML 3Page - Richtek Technology Corporation RT9524 Datasheet HTML 4Page - Richtek Technology Corporation RT9524 Datasheet HTML 5Page - Richtek Technology Corporation RT9524 Datasheet HTML 6Page - Richtek Technology Corporation RT9524 Datasheet HTML 7Page - Richtek Technology Corporation RT9524 Datasheet HTML 8Page - Richtek Technology Corporation RT9524 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9524
1
DS9524-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
WDFN-10L 3x2
(TOP VIEW)
Linear Single Cell Li-Ion Battery Charger IC for Portable
Applications
General Description
The RT9524 is a fully integrated single cell Li-ion battery
charger IC ideal for portable applications. The RT9524
optimizes the charging task by using a control algorithm
including pre-charge mode, fast charge mode and constant
voltage mode. the input voltage range of the VIN pin can
be as high as 28V. When the input voltage exceeds
the OVP threshold, it will turn off the charging MOSFET
to avoid overheating of the chip.
In RT9524, the maximum charging current can be
programmed with an external resistor. For USB application,
the user can set the current to 100mA/500mA through
the EN/SET pin. For the factory mode, the RT9524 can
allow 4.2V/2.3A power pass through to support system
operation. It also provides a 50mA LDO to support the
power of peripheral circuit. The internal thermal feedback
circuit regulates the die temperature to optimize the
charge rate for all ambient temperatures. The RT9524
provides protection functions such as under voltage
protection, over voltage protection for VIN supply and
thermal protection for battery temperature.
The RT9524 is available in a WDFN-10L 3x2 package to
achieve optimized solution for PCB space and thermal
considerations.
Features
28V Maximum Rating for DC Adapter
Internal Integrated Power MOSFETs
Support 4.2V/2.3A Factory Mode
50mA Low Dropout Voltage Regulator
Status Pin Indicator
Programmed Charging Current
Under Voltage Lockout
Over Voltage Protection
Thermal Feedback Optimized Charge Rate
RoHS Compliant and Halogen Free
Applications
Cellular Phones
Digital Cameras
PDAs and Smart Phones
Protable Instruments
Marking Information
A0 : Product Code
W : Date Code
ISET
IEOC
GND
PGB
CHGSB
GND
EN/SET
LDO
8
7
6
2
3
4
5
9
11
VIN
BATT
1
10
RT9524
Package Type
QW : WDFN-10L 3x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
A0W


Similar Part No. - RT9524

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
RT9525GQW RICHTEK-RT9525GQW Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
RT9526 RICHTEK-RT9526 Datasheet
257Kb / 14P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
148Kb / 10P
Linear Single Cell Li-Ion Battery Charger with Input Over Voltage Protection
RT9526A RICHTEK-RT9526A Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results

Similar Description - RT9524

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
Linear Single Cell Li-Ion Battery Charger IC
RT9514 RICHTEK-RT9514 Datasheet
166Kb / 10P
Linear Single Cell Li-Ion Battery Charger IC
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
Linear Single Cell Li-Ion Battery Charger IC
logo
Torex Semiconductor
XC6802 TOREX-XC6802_12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802-12 TOREX-XC6802-12 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
XC6802 TOREX-XC6802_15 Datasheet
465Kb / 21P
800mA Single Cell Li-ion Battery Linear Charger IC
logo
Richtek Technology Corp...
RT9536H RICHTEK-RT9536H Datasheet
211Kb / 15P
Linear Single Cell Li-Ion Battery Charger IC for Portable
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com