Electronic Components Datasheet Search
  English  ▼

X  

RT9527 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9527
Description  Single Cell Li-Ion Battery Charger with Adjustable Charging Current for Portable Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9527 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9527 Datasheet HTML 1Page - Richtek Technology Corporation RT9527 Datasheet HTML 2Page - Richtek Technology Corporation RT9527 Datasheet HTML 3Page - Richtek Technology Corporation RT9527 Datasheet HTML 4Page - Richtek Technology Corporation RT9527 Datasheet HTML 5Page - Richtek Technology Corporation RT9527 Datasheet HTML 6Page - Richtek Technology Corporation RT9527 Datasheet HTML 7Page - Richtek Technology Corporation RT9527 Datasheet HTML 8Page - Richtek Technology Corporation RT9527 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9527
2
DS9527-00 May 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VIN
Supply Voltage Input. VIN can withstand up to 28V input.
2
PGOOD
Power Good Status Output. Active-low, open-drain output.
3
CHG
Charger Status Output. Active-low, open-drain output.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
5
ISET
Charge Current Setting.
6
TIMER
Safe-Charge Timer Setting.
7
TS
Temperature Sense Input. The TS pin connects to a battery’s thermistor to
determine whether the battery is too hot or too cold for charging operation. If the
battery’s temperature is out of range, charging is paused until it re-enters the
valid range.
8
BAT
Charge Current Output for Battery.
Sleep
Mode
Current
Set Block
OVP
UVLO
BASE
Switch
Well
Thermal
Circuit
TIMER
CC/CV/TR
Multi Loop
Controller
Logic
VREF
IBIAS
+
-
+
-
VCC
VIN
ISET
BAT
TS
TMIER
CHG
PGOOD
GND
Too Cold
Too Hot
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
WDFN-8L 2x2
VIN
GND
PGOOD
BAT
TS
TIMER
ISET
CHG
7
6
5
1
2
3
4
8
9
RT9527
Package Type
QW : WDFN-8L 2x2 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com