Electronic Components Datasheet Search
  English  ▼

X  

RT9996 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9996
Description  Power Management IC for SSD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9996 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9996 Datasheet HTML 1Page - Richtek Technology Corporation RT9996 Datasheet HTML 2Page - Richtek Technology Corporation RT9996 Datasheet HTML 3Page - Richtek Technology Corporation RT9996 Datasheet HTML 4Page - Richtek Technology Corporation RT9996 Datasheet HTML 5Page - Richtek Technology Corporation RT9996 Datasheet HTML 6Page - Richtek Technology Corporation RT9996 Datasheet HTML 7Page - Richtek Technology Corporation RT9996 Datasheet HTML 8Page - Richtek Technology Corporation RT9996 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9996
1
DS9996-01 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
(TOP VIEW)
VQFN-32L 5x5
Power Management IC for SSD
General Description
The RT9996 is a 2-CH PMIC for SSD (Solid-State Drive).
It integrates synchronous buck converters and one voltage
detector.
The RT9996 provides 2 independent enable pins for
sequence control and auto discharge when powered off
on the power line of a NAND Flash.
The frequency can be up to 2MHz, allowing the use of
smaller sized inductors to meet the space and height limit
in handheld applications.
To maximize power utilization, the RT9996 is designed
with extremely low quiescent current. The buck converter
can consume down to 70
μA when operating in standby
mode.
The RT9996 is available in a VQFN-32L 5x5 package.
Features
Supply Input Voltage Range : 2.8V to 5.5V
Buck 1 / Buck 2
Adjustable Output Voltage for VCORE or DRAM
Cache
Output Current up to 1A
Voltage Detector
Programmable Threshold Voltage
Open-Drain Reset Output
RoHS Compliant and Halogen Free
Applications
1.8/2.5 inch Solid-State Drives
Portable Devices
USB-Based Hand-Held Products
Marking Information
RT9996GQV : Product Number
YMDNN : Date Code
RT9996
GQV
YMDNN
NC
NC
NC
NC
LX2
VIN
GND
GND
VIN
NC
GND
VIN
NC
GND
NC
LX1
33
GND
24
23
22
21
1
2
3
4
10 11 12 13
31 30 29 28
20
19
5
6
9
32
14
27
18
7
15
26
16
25
17
8
RT9996
Package Type
QV : VQFN-32L 5x5 (V-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)


Similar Part No. - RT9996

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
More results

Similar Description - RT9996

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
Power management IC for cellular phones
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
POWER MANAGEMENT IC for USB-OTG
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
Power Management Unit Total Power Solution for SSD
logo
Texas Instruments
LM10692 TI1-LM10692 Datasheet
3Mb / 48P
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
logo
ON Semiconductor
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
Power Management IC for IoT
March 2018 Rev1.0.0
logo
Toshiba Semiconductor
TB62501F TOSHIBA-TB62501F Datasheet
406Kb / 48P
Power Management IC for Notebook PC
14-Jan-03 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com