Electronic Components Datasheet Search
  English  ▼

X  

2N1893 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N1893
Description  MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N1893 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N1893 Datasheet HTML 1Page - Comset Semiconductor 2N1893 Datasheet HTML 2Page - Comset Semiconductor 2N1893 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN 2N1893
11/09/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Max
Unit
ICBO
Collector Cutoff Current
VCB= 90 V
IE= 0
Tamb= 25°C
-
-
10
nA
Tamb= 150°C
-
-
15
µA
IEBO
Emitter Cutoff Current
VEB= 5 V, IB= 0
-
-
10
nA
VCBO
Collector Base
Sustaining Voltage
IC= 100 mA, IE= 0
120
-
-
V
VCEO
Collector Emitter
Sustaining Voltage (*)
IC= 10 mA, IB= 0
80
-
-
V
VCER
Collector Base
Breakdown Voltage (*)
IC= 10 mA, RBE = 10 Ω
100
-
-
V
VEBO
Emitter Base
Breakdown Voltage
IE= 100 µA, IC= 0
7
-
-
V
hFE
DC Current Gain (*)
IC= 0.1 mA, VCE= 10 V
20
-
-
-
IC= 10 mA
VCE= 10 V
Tamb= 25°C
20
-
-
Tamb= -55°C
35
-
IC= 150 mA, VCE= 10 V
40
-
120
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 50 mA, IB= 5 mA
-
-
0.9
V
IC= 150 mA, IB= 15 mA
-
-
0.5
VBE(SAT)
Base-Emitter saturation
Voltage (*)
IC= 50 mA, IB= 5 mA
-
-
1.2
V
IC= 150 mA, IB= 15 mA
-
-
1.3
fT
Transition Frequency
IC= 50 mA, VCE= 10 V
f= 20 MHz
50
-
-
MHz
CC
Collector Capacitance
IE= ie = 0 ,VCB= 10 V
f = 1MHz
-
-
15
pF
Ce
Base Capacitance
IC= ic = 0 ,VEB= 0.5 V
f = 1MHz
-
-
85
pF
(*) Pulse conditions : tp < 300
µs, δ =2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com