Electronic Components Datasheet Search
  English  ▼

X  

2N2324 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2324
Description  SILICON THYRISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2324 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2324 Datasheet HTML 1Page - Comset Semiconductor 2N2324 Datasheet HTML 2Page - Comset Semiconductor 2N2324 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2n2322 to 2n2326
12/11/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS (*)
TJ=25°C unless otherwise noted, RGK=1000Ω
Symbol
Ratings
2N2322 2N2323 2N2324 2N2325 2N2326 Unit
VDRM
Peak Forward Blocking
Voltage (1)
Min :
25
50
100
150
200
V
IRRM
Peak Reverse Blocking
Current
(Rated VDRM, TJ =125°C)
Max : 100
µA
IDRM
Peak Forward Blocking
Current
(Rated VDRM, TJ =125°C)
Max : 100
µA
VTM
Forward « on » Voltage
ITM=1.0 A Peak
Max : 1.5
V
ITM =3.14 A Peak
TC =85°C
Max : 2.0
IGT
Gate Trigger Current (2)
Anode Voltage=6.0 Vdc
RL=100Ω
Max : 200
µA
Anode Voltage=6.0 Vdc
RL=100Ω, TC=-65°C
Max : 350
VGT
Gate Trigger Voltage
Anode Voltage=6.0 V
RL=100Ω
Max : 0.8
V
Anode Voltage=6.0 V
RL=100Ω, TC=-65°C
Max : 1.0
VDRM = Rated
RL=100Ω, TJ=125°C
Min : 0.1
IH
Holding Current
Anode Voltage=6.0 V
Max : 2.0
mA
Anode Voltage=6.0 V
TC=-65°C
Max : 3.0
Anode Voltage=6.0 V
TC=125°C
Min : 0.15
(*) JEDEC Registered Values
(1) VRSM and VDRM can be applied for all types on a continuous dc basis without incurring
damage.
(2) RGK current is not included in measurement.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com