Electronic Components Datasheet Search
  English  ▼

X  

2N2327 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2327
Description  SILICON THYRISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2327 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2327 Datasheet HTML 1Page - Comset Semiconductor 2N2327 Datasheet HTML 2Page - Comset Semiconductor 2N2327 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N2327 thur 2N2329
12/11/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS (*)
TJ=25°C unless otherwise noted, RGK=1000Ω
Symbol
Ratings
2N2327
2N2328
2N2329
Unit
VDRM
Peak Forward Blocking Voltage
(1)
Min :
250
300
400
V
IRRM
Peak Reverse Blocking Current
(Rated VDRM, TJ =125°C)
Max : 100
µA
IDRM
Peak Forward Blocking Current
(Rated VDRM, TJ =125°C)
Max : 100
µA
VT
Forward « on » Voltage
IT =1.0 A Peak
Max : 1.5
V
IT =1.0 A Peak
TC =85°C
Max : 2.0
IGT
Gate Trigger Current (2)
Anode Voltage=6.0 Vdc, RL=100Ω
Max : 200
µA
Anode Voltage=6.0 Vdc, RL=100Ω
TC=-65°C
Max : 350
VGT
Gate Trigger Voltage
Anode Voltage=6.0 V, RL=100Ω
Max : 0.8
V
Anode Voltage=6.0 V, RL=100Ω
TC=-65°C
Max : 1.0
VDRM = Rated, RL=100Ω
TJ=125°C
Min : 0.1
IH
Holding Current
Anode Voltage=6.0 V
Max : 2.0
mA
Anode Voltage=6.0 V
TC=-65°C
Max : 3.0
Anode Voltage=6.0 V
TC=125°C
Min : 0.15
(*) JEDEC Registered Values
(1) VRSM and VDRM can be applied for all types on a continuous dc basis without incurring damage.
(2) RGK current is not included in measurement.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com