Electronic Components Datasheet Search
  English  ▼

X  

2N2906 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N2906
Description  GENERAL PURPOSE AMPLIFIERS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2906 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2906 Datasheet HTML 1Page - Comset Semiconductor 2N2906 Datasheet HTML 2Page - Comset Semiconductor 2N2906 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP 2N2906 – 2N2906A
GENERAL PURPOSE AMPLIFIERS TRANSISTORS
The 2N2906 and 2N2906A are PNP transistors mounted in TO-18 metal package.
They are intended for high speed switching and general purpose applications.
NPN complements are 2N2221 and 2N2221A .
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
2N2906
2N2906A
VCEO
Collector-Emitter Voltage (IB=0)
-40
-60
V
VCBO
Collector-Base Voltage (IE=0)
-60
V
VEBO
Emitter-Base Voltage (IC=0)
-5
V
IC
Collector Current
-600
mA
ICM
Peak Collector Current
-800
mA
IBM
Peak Base Current
-200
mA
PD
Total Power Dissipation
Tamb = 25°
0.4
W
Tcase= 25°
1.2
W
TJ
Junction Temperature
200
°C
TStg
Storage Temperature range
-65 to +150
°C
Tamb
Operating Ambient Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient in free air
438
°C/W
RthJ-c
Thermal Resistance, Junction to case
146
°C/W


Similar Part No. - 2N2906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
PNP switching transistors
1997 Jun 02
logo
STMicroelectronics
2N2906 STMICROELECTRONICS-2N2906 Datasheet
233Kb / 4P
1.8W PNP GENERAL PURPOSE SAMLL SIGNAL TRANSISTORS
logo
Semicoa Semiconductor
2N2906 SEMICOA-2N2906 Datasheet
29Kb / 1P
Chip Type 2C2904A Geometry 0600 Polarity PNP
logo
Siemens Semiconductor G...
2N2906 SIEMENS-2N2906 Datasheet
41Kb / 2P
PNP SILICON PLANAR TRANSISTORS
logo
Micro Electronics
2N2906 MICRO-ELECTRONICS-2N2906 Datasheet
103Kb / 2P
PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES
More results

Similar Description - 2N2906

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
GENERAL PURPOSE AMPLIFIERS
Jan-1989
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
GENERAL PURPOSE AMPLIFIERS
Oct 1988
MSC81402 STMICROELECTRONICS-MSC81402 Datasheet
41Kb / 3P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIERS APPLICATIONS
Oct-1992
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI-UA741 Datasheet
423Kb / 19P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700_06 Datasheet
111Kb / 7P
General purpose amplifiers
06-Nov-2006
logo
Comset Semiconductor
2N2907 COMSET-2N2907_12 Datasheet
150Kb / 3P
GENERAL PURPOSE AMPLIFIERS TRANSISTORS
logo
Texas Instruments
UA741MU TI-UA741MU Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
BD241C ETC2-BD241C Datasheet
1Mb / 4P
General Purpose Amplifiers
logo
STMicroelectronics
SGSTS01814-1 STMICROELECTRONICS-SGSTS01814-1 Datasheet
146Kb / 5P
General purpose amplifiers
Nov-1988
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com