Electronic Components Datasheet Search
  English  ▼

X  

2N2906A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N2906A
Description  GENERAL PURPOSE AMPLIFIERS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2906A Datasheet(HTML) 2 Page - Comset Semiconductor

  2N2906A Datasheet HTML 1Page - Comset Semiconductor 2N2906A Datasheet HTML 2Page - Comset Semiconductor 2N2906A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP 2N2906 – 2N2906A
01/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff
Current
VCB= -50 V
IE= 0
Ta= 25°C
2N2906A
-
-
-10
nA
2N2906
-
-
-20
ICBO
Collector Cutoff
Current
Ta= 150°C
2N2906A
-
-
-10
µA
2N2906
-
-
-20
IEBO
Emitter Cutoff
Current (*)
VEB= -5 V, IC= 0
2N2906A
-
-
-50
nA
2N2906
VCEO
Collector Emitter
Breakdown Voltage
IC= -10 mA, IB= 0
2N2906A
-60
-
-
V
2N2906
-40
-
-
VCBO
Collector Base
Breakdown Voltage
IC= -10 µA, IE= 0
2N2906A
-60
-
-
V
2N2906
VEBO
Emitter Base
Breakdown Voltage
IE= -10 µA, IC= 0
2N2906A
-5
-
-
V
2N2906
hFE
DC Current Gain
IC= -0.1 mA, VCE= -10 V
2N2906A
40
-
-
-
2N2906
20
-
-
IC= -1 mA, VCE= -10 V
2N2906A
40
-
-
2N2906
25
-
-
IC= -10 mA, VCE= -10 V
2N2906A
40
-
-
2N2906
35
-
-
IC= -150 mA, VCE= -10 V
2N2906A
40
-
120
2N2906
IC= -500 mA, VCE= -10 V
2N2906A
40
-
-
2N2906
20
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage
(*)
IC= -150 mA, IB= -15 mA
2N2906A
-
-
-0.4
V
2N2906
IC= -500 mA, IB= -50 mA
2N2906A
-
-
-1.6
2N2906
VBE(SAT)
Base-Emitter
saturation Voltage
(*)
IC= -150 mA, IB= -15 mA
2N2906A
-
-
-1.3
2N2906
IC= -500 mA, IB= -50 mA
2N2906A
-
-
-2.6
2N2906
fT
Transition
frequency
IC=-50 mA, VCE=-20 V
f= 100MHz (*)
2N2906A
200
-
-
MHz
2N2906
td
Delay time
IC=-150 mA ,IB =-15 mA
-VCC=-30 V
2N2906A
-
-
10
ns
tr
Rise time
2N2906
-
-
40
Cc
Collector
capacitance
IE= Ie = 0 ,VCB= -10 V
f = 1 MHz
2N2906A
-
-
8
pF
2N2906
Ce
Emitter capacitance
IC= Ic = 0 ,VEB= -2 V
f = 1 MHz
2N2906A
-
-
30
pF
2N2906
(*) Pulse conditions : tp < 300
µs, δ =2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com