Electronic Components Datasheet Search
  English  ▼

X  

SLD402S Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD402S
Description  20W Array Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD402S Datasheet(HTML) 1 Page - Sony Corporation

  SLD402S Datasheet HTML 1Page - Sony Corporation SLD402S Datasheet HTML 2Page - Sony Corporation SLD402S Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20W Array Laser Diode
Description
The SLD402S is a high power laser diode with an
array structure, which achieves 20W high power.
Features
• High power
Recommended optical power output: PO = 20W
• Array structure
• Open package
Applications
Sold state laser excitation
Structure
GaAlAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000H (effective value) at Po = 20W, Tc = 25°C
Absolute Maximum Ratings (Tc = 25°C)
• Optical power output
PO
22
W
• Reverse voltage
VRLD
2
V
– 1 –
SLD402S
PE94605A02-PS
Preliminary
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
M-S006
Warranty
This warranty period shall be 90 days after receipt of the
product or 1,000 hours operation time whichever is
shorter.
Sony Quality Assurance Department shall analyze any
product that fails during said warranty period, and if the
analysis results show that the product failed due to
material or manufacturing defects on the part of Sony, the
product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which
follow a Weibull distribution.
Special warranties are also available.


Similar Part No. - SLD402S

ManufacturerPart #DatasheetDescription
logo
Rohm
SLD430BD2W ROHM-SLD430BD2W Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
SLD430WBD2PT ROHM-SLD430WBD2PT Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
SLD430WBD2PT3 ROHM-SLD430WBD2PT3 Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
SLD430X ROHM-SLD430X Datasheet
464Kb / 10P
Center luminosity increased by condensing lights in side ways
2017.9 - Rev.005
logo
Sony Corporation
SLD431S SONY-SLD431S Datasheet
47Kb / 4P
20W Array Laser Diode
More results

Similar Description - SLD402S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD432S SONY-SLD432S Datasheet
383Kb / 4P
40W Array Laser Diode
SLD431S SONY-SLD431S Datasheet
47Kb / 4P
20W Array Laser Diode
SLD433S4 SONY-SLD433S4 Datasheet
100Kb / 5P
60W Array Laser Diode
logo
Roithner LaserTechnik G...
AS098Q1200W ROITHNER-AS098Q1200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS098Q600W ROITHNER-AS098Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q5000W ROITHNER-AS081Q5000W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q600W ROITHNER-AS081Q600W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081Q300W ROITHNER-AS081Q300W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C200W ROITHNER-AS081C200W Datasheet
137Kb / 2P
High Power Stacked Infrared Laser Diode Array
AS081C40W ROITHNER-AS081C40W Datasheet
173Kb / 3P
High Power Stacked Infrared Laser Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com