Electronic Components Datasheet Search
  English  ▼

X  

2N4398 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # 2N4398
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4398 Datasheet(HTML) 3 Page - Comset Semiconductor

  2N4398 Datasheet HTML 1Page - Comset Semiconductor 2N4398 Datasheet HTML 2Page - Comset Semiconductor 2N4398 Datasheet HTML 3Page - Comset Semiconductor 2N4398 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP 2N4398 – 2N4399 – 2N5745
3 | 4
24/09/2012
COMSET SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
MA
x
Unit
VBE(on)
Base-Emitter on
Voltage (*)
IC= -15 A, VCE= -2 V
2N4398
-
-
-1.7
V
2N4399
IC= -10 A, VCE= -2 V
2N5745
-
-
-1.5
IC= -30 A, VCE= -4 V
2N4398
-
-
-3
2N4399
IC= -20 A, VCE= -4 V
2N5745
-
-
-2.5
hFE
DC Current Gain (*)
IC= -1 A, VCE= -2 V
2N4398
40
-
-
-
2N4399
-
-
-
2N5745
-
-
-
IC= -15 A, VCE= -2 V
2N4398
15
-
60
2N4399
IC= -10 A, VCE= -2 V
2N5745
IC= -30 A, VCE= -2 V
2N4398
5
-
-
2N4399
IC= -20 A, VCE= -4 V
2N5745
fT
Transition Frequency
VCE= -10 V, IC= -1 A
f= 1 MHz
2N4398
4
-
-
MHz
2N4399
2N5745
2
-
-
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com