Electronic Components Datasheet Search
  English  ▼

X  

2N4399 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N4399
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N4399 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N4399 Datasheet HTML 1Page - Comset Semiconductor 2N4399 Datasheet HTML 2Page - Comset Semiconductor 2N4399 Datasheet HTML 3Page - Comset Semiconductor 2N4399 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP 2N4398 – 2N4399 – 2N5745
2 | 4
24/09/2012
COMSET SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
MAx Unit
VCEO(BR)
Collector-Emitter
Breakdown Voltage (*)
IC= -200 mA
IB= 0
2N4398
-40
-
-
V
2N4399
-60
-
-
2N5745
-80
-
-
ICBO
Collector Cutoff
Current
VCB = -40 V, IE = 0
2N4398
-
-
-1
mA
VCB = -60 V, IE = 0
2N4399
VCB = -80 V, IE = 0
2N5745
ICEO
Collector Cutoff
Current
VCE= -40 V, IB = 0
2N4398
-
-
-5
mA
VCE= -60 V, IB = 0
2N4399
VCE= -80 V, IB = 0
2N5745
IEBO
Emitter Cutoff Current
VEB= -5 V, IC = 0
2N4398
-
-
-5
mA
2N4399
2N5745
ICEX
Collector Cutoff
Current
VCE= -40 V, VBE= 1.5 V 2N4398
-
-
-5
mA
VCE= -40 V, VBE= 1.5 V 2N4399
VCE= -40 V, VBE= 1.5 V 2N5745
VCE= -40 V, VBE= 1.5 V
TC = 150°C
2N4398
-
-
-10
VCE= -40 V, VBE= 1.5 V
TC = 150°C
2N4399
VCE= -40 V, VBE= 1.5 V
TC = 150°C
2N5745
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -10 A, IB= -1 A
2N4398
-
-
-0.75
V
2N4399
2N5745
-
-
-1
IC= -15 A, IB= -1.5 A
2N4398
-
-
-1
2N4399
2N5745
-
-
-1.5
IC= -20 A, IB= -2 A
2N4398
-
-
-2
2N4399
IC= -20 A, IB= -4 A
2N5745
IC= -30 A, IB= -6 A
2N4398
-
-
-4
2N4399
VBE(SAT)
Base-Emitter
saturation Voltage (*)
IC= -10 A, IB= -1 A
2N4398
-
-
-1.6
V
2N4399
2N5745
-
-
-1.7
IC= -15 A, IB= -1.5 A
2N4398
-
-
-1.85
2N4399
2N5745
-
-
-2
IC= -20 A, IB= -2 A
2N4398
-
-
-2.5
2N4399
IC= -20 A, IB= -4 A
2N5745



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com