Electronic Components Datasheet Search
  English  ▼

X  

2N5415 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N5415
Description  HIGH VOLTAGE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5415 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N5415 Datasheet HTML 1Page - Comset Semiconductor 2N5415 Datasheet HTML 2Page - Comset Semiconductor 2N5415 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP 2N5415 – 2N5416
21/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff
Current
VCB = -175 V, IE =0
2N5415
-
-
-50
µA
VCB = -280 V, IE =0
2N5416
IEBO
Emitter Cutoff Current
VEB = -4 V, IC =0
2N5415
-
-
-20
µA
VEB = -6 V, IC =0
2N5416
VCEO
Collector Emitter
Breakdown Voltage (*)
IC = -10 mA, IB =0
2N5415
-200
-
-
V
2N5416
-300
-
-
hFE
DC Current Gain (*)
IC = -50 mA
VCE = -10 V
2N5415
30
-
150
-
2N5416
30
-
120
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC = -50 mA
IB = -5 mA
2N5415
-
-
-2.5
V
2N5416
VBE
Base-Emitter Voltage
(*)
IC = -50 mA
VCE = -10 V
2N5415
-
-
-1.5
V
2N5416
fT
Transition frequency
IC = -10 mA
VCE = -10 V, f = 5 MHz
2N5415
15
-
-
MHz
2N5416
Cc
Collector Capacitance
IE = ie = 0, VCB = -10 V
f = 1 MHz
2N5415
-
-
15
pF
2N5416
Ce
Emitter Capacitance
IC = ic = 0, VEB = -6 V
f = 1 MHz
2N5415
-
-
75
pF
2N5416
(*) Pulse conditions : tp < 300
µs, δ =1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com