Electronic Components Datasheet Search
  English  ▼

X  

2N5679 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N5679
Description  PNP SWITCHING TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N5679 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N5679 Datasheet HTML 1Page - Comset Semiconductor 2N5679 Datasheet HTML 2Page - Comset Semiconductor 2N5679 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N5679 – 2N5680
COMSET SEMICONDUCTORS
1/3
P
PN
NP
P S
SW
WIIT
TC
CH
HIIN
NG
G T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The 2N5679 and 2N5680 are silicon expitaxial planar PNP
transistors in jedec TO-39 metal case.
They are intended for use as drivers for high power transistors
in general purpose, amplifier and switching circuit.
The complementary NPN types are the 2N5681 and 2N5682 .
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
25679
2N5680
VCEO
Collector-Emitter Voltage
IB =0
-100
-120
V
VCBO
Collector-Base Voltage
IE =0
-100
-120
V
VEBO
Emitter-Base Voltage
IC =0
-4
V
IC
Collector Current
-1
A
IB
Base Current
-500
mA
PD
Total Power Dissipation
Tamb = 25°C
1
W
Tcase = 25°C
10
TJ
Junction Temperature
200
°C
TStg
Storage Temperature range
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to ambient
175
°C/W
RthJ-c
Thermal Resistance, Junction to case
17.5
°C/W
B
C
E


Similar Part No. - 2N5679

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5679 SEME-LAB-2N5679 Datasheet
20Kb / 2P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5679 BOCA-2N5679 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5679 CENTRAL-2N5679 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5679 ETC-2N5679 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N5679 MICROSEMI-2N5679 Datasheet
56Kb / 2P
PNP POWER TRANSISTOR SILICON AMPLIFIER
More results

Similar Description - 2N5679

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2906 PHILIPS-2N2906 Datasheet
52Kb / 8P
PNP switching transistors
1997 Jun 02
2N2907 PHILIPS-2N2907 Datasheet
52Kb / 8P
PNP switching transistors
1997 May 30
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
PNP switching transistors
1997 Jun 18
BSR15 PHILIPS-BSR15 Datasheet
45Kb / 8P
PNP switching transistors
1999 Apr 15
PMBT2907 PHILIPS-PMBT2907 Datasheet
45Kb / 8P
PNP switching transistors
1999 Apr 27
logo
Guangdong Kexin Industr...
BSR15 KEXIN-BSR15 Datasheet
44Kb / 2P
PNP Switching Transistors
logo
NXP Semiconductors
BSR15 NXP-BSR15 Datasheet
139Kb / 8P
PNP switching transistors
2004 Jan 13
PMBT2907 NXP-PMBT2907 Datasheet
136Kb / 8P
PNP switching transistors
2004 Jan 16
logo
Micro Commercial Compon...
2N2907 MCC-2N2907 Datasheet
415Kb / 3P
PNP Switching Transistors
2N2907 MCC-2N2907_11 Datasheet
459Kb / 3P
PNP Switching Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com