Electronic Components Datasheet Search
  English  ▼

X  

2N6282 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N6282
Description  NPN SILICON DARLINGTON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6282 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N6282 Datasheet HTML 1Page - Comset Semiconductor 2N6282 Datasheet HTML 2Page - Comset Semiconductor 2N6282 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N6282 – 2N6283 – 2N6284
04/12/2012
COMSET SEMICONDUCTORS
1/3
NPN SILICON DARLINGTON POWER TRANSISTOR
The 2N6282, 2N6283 and 2N6284 are mounted in TO-3 metal package.
They are designed for use in general–purpose amplifier and low–frequency switching
applications.
The complementary PNP are 2N6285, 2N6286, 2N6287
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (IB=0)
2N6282
60
V
2N6283
80
2N6284
100
VCBO
Collector-Base Voltage (IE=0)
2N6282
60
V
2N6283
80
2N6284
100
VEBO
Emitter-Base Voltage (IC=0)
2N6282
5
V
2N6283
2N6284
IC
Collector Current
2N6282
20
A
2N6283
2N6284
ICM
Collector Peak Current
2N6282
40
2N6283
2N6284
IB
Base Current
2N6282
0.5
A
2N6283
2N6284
PT
Power Dissipation
@ TC = 25°
2N6282
160
W/°C
2N6283
2N6284
TJ
Junction Temperature
2N6282
200
°C
2N6283
2N6284
TS
Storage Temperature
2N6282
-65 to +200
°C
2N6283
2N6284


Similar Part No. - 2N6282

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6282 MOSPEC-2N6282 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
logo
ON Semiconductor
2N6282 ONSEMI-2N6282 Datasheet
214Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Boca Semiconductor Corp...
2N6282 BOCA-2N6282 Datasheet
218Kb / 4P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6282 CENTRAL-2N6282 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6282 ETC-2N6282 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N6282

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com