Electronic Components Datasheet Search
  English  ▼

X  

2N6286 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N6286
Description  PNP DARLINGTON POWER SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6286 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N6286 Datasheet HTML 1Page - Comset Semiconductor 2N6286 Datasheet HTML 2Page - Comset Semiconductor 2N6286 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N6285 – 2N6286 – 2N6287
04/12/2012
COMSET SEMICONDUCTORS
1/3
PNP DARLINGTON POWER SILICON TRANSISTOR
The 2N6285, 2N6286 and 2N6287 are mounted in TO-3 metal package.
They are designed for use in general–purpose amplifier and low–frequency switching
applications.
The complementary NPN are 2N6282, 2N6283, 2N6284
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (IB=0)
2N6285
-60
V
2N6286
-80
2N6287
-100
VCBO
Collector-Base Voltage (IE=0)
2N6285
-60
V
2N6286
-80
2N6287
-100
VEBO
Emitter-Base Voltage (IC=0)
2N6285
-5
V
2N6286
2N6287
IC
Collector Current
2N6285
-20
A
2N6286
2N6287
ICM
Collector Peak Current
2N6285
-40
2N6286
2N6287
IB
Base Current
2N6285
-0.5
A
2N6286
2N6287
PT
Power Dissipation
@ TC = 25°
2N6285
160
W/°C
2N6286
2N6287
TJ
Junction Temperature
2N6285
200
°C
2N6286
2N6287
TS
Storage Temperature
2N6285
-65 to +200
°C
2N6286
2N6287


Similar Part No. - 2N6286

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6286 MOSPEC-2N6286 Datasheet
211Kb / 4P
POWER TRANSISTORS(20A,160W)
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
214Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
Boca Semiconductor Corp...
2N6286 BOCA-2N6286 Datasheet
218Kb / 4P
DARLINGTON COPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6286 MICROSEMI-2N6286 Datasheet
58Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
ON Semiconductor
2N6286 ONSEMI-2N6286 Datasheet
87Kb / 8P
Darlington Complementary Silicon Power Transistors
May, 2001 ??Rev. 1
More results

Similar Description - 2N6286

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SB1568 NJSEMI-2SB1568 Datasheet
71Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1481 NJSEMI-2SB1481 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
2SB1495 NJSEMI-2SB1495 Datasheet
72Kb / 2P
Silicon PNP Darlington Power Transistor
TIP147T NJSEMI-TIP147T Datasheet
79Kb / 2P
Silicon PNP Darlington Power Transistor
BDW44 NJSEMI-BDW44 Datasheet
137Kb / 2P
Silicon PNP Darlington Power Transistor
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
Silicon PNP Darlington Power Transistor
2SB676 NJSEMI-2SB676 Datasheet
125Kb / 2P
Silicon PNP Darlington Power Transistor
2SB727 NJSEMI-2SB727 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Zibo Seno Electronic En...
MJ11016 ZSELEC-MJ11016 Datasheet
197Kb / 2P
Silicon PNP Darlington Power Transistor
MJ11032 ZSELEC-MJ11032 Datasheet
195Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com