Electronic Components Datasheet Search
  English  ▼

X  

78L12ACZ Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 78L12ACZ
Description  Positive Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

78L12ACZ Datasheet(HTML) 1 Page - Comset Semiconductor

  78L12ACZ Datasheet HTML 1Page - Comset Semiconductor 78L12ACZ Datasheet HTML 2Page - Comset Semiconductor 78L12ACZ Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
78L05ACZ - 78L12ACZ
25/09/2012
COMSET SEMICONDUCTORS
1/3
Positive Voltage Regulators
GENERAL DESCRIPTION
This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range
of applications. These applications include on-card regulation for elimination of noise and
distribution problems associated with single-point regulation. Each of these regulators can
deliver up to 100 mA of output current. The internal limiting and thermal-shutdown features of
these regulators them essentially immune to overload.
Compliance to RoHS.
FEATURES
• 3-Terminal Regulators
• Output Current up to 100 mA
• No External Components
• Short circuit Protection
• Internal Thermal-Overload Protection
• With TO92 package
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VI
Input Voltage DC
Vo = 5 V
30
V
Vo = 12 V
35
Io
Output Current
100
mA
PD
Power Dissipation
Internally Limited
TOP
Operating Junction Temperature
0° to 125
°C
TSTG
Storage Temperature
-40° to 150
°C
THERMAL DATA
Symbol
Ratings
Value
Unit
RthJA
From Junction to Free-Air Thermal Resistance
200
°C/W


Similar Part No. - 78L12ACZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78L12ACZ ETC-78L12ACZ Datasheet
81Kb / 7P
Three-Terminal Low Current Positive Voltage Regulators
78L12ACZ ETC1-78L12ACZ Datasheet
84Kb / 7P
The Linear ICs Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - 78L12ACZ

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com