Electronic Components Datasheet Search
  English  ▼

X  

BC107 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BC107
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC107 Datasheet(HTML) 3 Page - Comset Semiconductor

  BC107 Datasheet HTML 1Page - Comset Semiconductor BC107 Datasheet HTML 2Page - Comset Semiconductor BC107 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NPN BC107 – BC108 – BC109
25/09/2012
COMSET SEMICONDUCTORS
3/3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to mounting base
500
°C/W
RthJ-c
Thermal Resistance, Junction to ambient in free air
200
°C/W
MECHANICAL DATA CASE TO-18
August 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to change
without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically disclaims any and
all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not authorized for use as critical
components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS (mm)
min
max
A
12.7
-
B
-
0.49
C
0.9
-
D
-
5.3
E
-
4.9
F
-
5.8
G
2.54
-
H
-
1.2
I
-
1.16
L
45°
-
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector
Case :
Collector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com