| Electronic Components Datasheet Search |
|
1074000000 Datasheet(PDF) 5 Page - Weidmuller |
|
|
|||||||||||||||||||||||||||||
1074000000 Datasheet(HTML) 5 Page - Weidmuller |
|
5 / 20 page ![]() 296 Housings EG 1 EG 2 Rated data Reference voltage acc. to VDE 0110 1/89 Pollution severity Overvoltage category Current Power loss (when mounted in row) Protection class Flammability acc. to UL level Upper temperature limit Connection data Screw connection solid Screw connection stranded Tightening torque range Torque phase with DMS 2 electric srewdriver Ordering data Housing frame End plate Combi foot, latchable Assembly plate Clamping yoke unit, right Clamping yoke unit, left Intermediate plate Connection spigot Connection tab 0.8 x 6.3 mm Connection tab 2 x 0.8 x 2.8 mm Tab / solder lug 0.8 x 2.8 mm Tab / solder lug 0.8 x 4.8 mm Printed circuit board, copper-coated Printed circuit board 5.08 pitch Dimensions see page 300 V 2 II 10 A 1 W IP 20 V-2 100 °C 0.5...4 mm2 0.5...2.5 mm2 0.5 - 1.0 Nm 2 Type Cat. No. Qty. EG 32/1 for TS 32 0453560000 20 EG 35/1 for TS 35 0453860000 20 AP PA 0453660000 20 ZP 0453760000 20 VZ 0510260000 50 S 2.8 0475800000 20 S 4.8 0475700000 20 306, Fig. I 300 V 2 II 10 A 1 W IP 20 V -2 100 °C 0.5...4 mm2 0.5...2.5 mm2 0.5 - 1.0 Nm 2 Type Cat. No. Qty. EG 2 R 0508860000 20 AP PA 0453660000 20 ZB-R 0495960000 20 ZB-L 0495860000 20 ZP 0453760000 20 VZ 0510260000 50 S 6.3 0496100000 100 S 2 x 2.8 0163500000 50 306, Fig. II Housings |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |