Electronic Components Datasheet Search
  English  ▼

X  

BC108 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BC108
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC108 Datasheet(HTML) 2 Page - Comset Semiconductor

  BC108 Datasheet HTML 1Page - Comset Semiconductor BC108 Datasheet HTML 2Page - Comset Semiconductor BC108 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BC107 – BC108 – BC109
25/09/2012
COMSET SEMICONDUCTORS
2/3
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCE(SAT)
Collector-Emitter
saturation Voltage
IC = 10 mA
IB = 0.5 mA
BC107
-
0.09
0.25
V
BC108
BC109
IC = 100 mA
IB = 5 mA
BC107
-
0.2
0.6
BC108
BC109
VBE(SAT)
Base-Emitter Saturation
Voltage
IC = 10 mA
IB = 0.5 mA
BC107
-
0.70
-
V
BC108
BC109
IC = 100 mA
IB = 5 mA
BC107
-
0.9
-
BC108
BC109
VBE
Base-Emitter Voltage
IC = 2 mA
VCE = 5 V
BC107
0.55
0.65
0.7
V
BC108
BC109
IC = 10 mA
VCE = 5
BC107
-
-
0.77
BC108
BC109
hFE
DC Current Gain (*)
IC= 10 µA
VCE= 5 V
BC107A
-
90
-
-
BC108A
BC109A
BC107B
40
150
-
BC108B
BC109B
BC107C
100
270
-
BC108C
BC109C
IC= 2 mA
VCE= 5 V
BC107A
110
-
220
BC108A
BC109A
BC107B
200
-
450
BC108B
BC109B
BC107C
420
-
800
BC108C
BC109C
fT
Transition frequency
IC =10 mA, VCE
= 5 V
f = 100 MHz
BC107
100
-
-
MHz
BC108
BC109
F
Noise figure
IC = 200 µA VCE
= 5 V
f = 1kHz
Rg= 2kΩ
B = 200Hz
BC107
-
-
10
db
BC108
-
-
10
BC109
-
-
4
CC
Collector capacitance
IE = 0
VCB = 10 V
f = 1MHz
BC177
-
4
6
pF
BC178
BC179



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com