Electronic Components Datasheet Search
  English  ▼

X  

BC177B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BC177B
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC177B Datasheet(HTML) 1 Page - Comset Semiconductor

  BC177B Datasheet HTML 1Page - Comset Semiconductor BC177B Datasheet HTML 2Page - Comset Semiconductor BC177B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BC177 – BC178 – BC179
18/10/2012
COMSET SEMICONDUCTORS
1 | 3
L
LO
OW
W N
NO
OIIS
SE
E G
GE
EN
NE
ER
RA
AL
L P
PU
UR
RP
PO
OS
SE
E A
AU
UD
DIIO
O A
AM
MP
PL
LIIF
FIIE
ER
RS
S
The BC177,BC178 and BC179 are silicon planar epitaxial PNP transistors mounted in TO-18
metal package.
They are suitable for use in drive audio stages, low-noise input audio stages and as low power,
high gain general purpose transistors.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
BC177 BC178 BC179
Unit
VCEO
Collector-Emitter Voltage (IB =0)
-50
-30
-25
V
VCBO
Collector-Base Voltage (IE =0)
-45
-25
-20
V
VEBO
Emitter-Base Voltage (IC =0)
-5
V
IC
Collector Current
-100
mA
ICM
Collector Peak Current
-200
mA
PD
Total Power Dissipation
@ Tamb = 25°
300
mW
TJ
Junction Temperature
175
°C
TStg
Storage Temperature range
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB =-20 V
IE = 0
BC177
-
-1
-100
nA
BC178
BC179
VCB = -20 V
IE = 0 V
Tj = 150°C
BC177
-
-
-10
µA
BC178
BC179
VCEO
Collector-Emitter
Breakdown Voltage
IC = -2 mA
IB = 0
BC177
-45
-
-
V
BC178
-25
-
-
BC179
-20
-
-
VCBO
Collector-Base
Breakdown Voltage
IC = -10 µA
VBE = 0
BC177
-50
-
-
V
BC178
-30
-
-
BC179
-25
-
-
VEBO
Emitter-Base Breakdown
Voltage
IE = -10 µA
IC = 0
BC177
-5
V
BC178
BC179


Similar Part No. - BC177B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC177B PHILIPS-BC177B Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jun 04
logo
Siemens Semiconductor G...
BC177B SIEMENS-BC177B Datasheet
269Kb / 8P
PNP SILICON TRANSISTORS
logo
Continental Device Indi...
BC177B CDIL-BC177B Datasheet
95Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Multicomp Pro
BC177B MULTICOMP-BC177B Datasheet
270Kb / 2P
Low Power Bipolar Transistors BC177 Series
30/03/20 V1.0
More results

Similar Description - BC177B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107 Datasheet
69Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
BC177 STMICROELECTRONICS-BC177 Datasheet
77Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Jan 1989
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
LOW NOISE AUDIO AMPLIFIERS
Jan-1989
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107_06 Datasheet
385Kb / 9P
Low noise general purpose audio amplifiers
06-Nov-2006
logo
Comset Semiconductor
BC107 COMSET-BC107 Datasheet
81Kb / 3P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Texas Instruments
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com