Electronic Components Datasheet Search
  English  ▼

X  

BD240 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD240
Description  MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD240 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD240 Datasheet HTML 1Page - Comset Semiconductor BD240 Datasheet HTML 2Page - Comset Semiconductor BD240 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BD240 – A – B – C
22/10/2012
COMSET SEMICONDUCTORS
1/3
M
ME
ED
DIIU
UM
M P
PO
OW
WE
ER
R L
LIIN
NE
EA
AR
R A
AN
ND
D S
SW
WIIT
TC
CH
HIIN
NG
G
A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S..
The BD239, A, B, C are mounted in Jedec TO-220 plastic package.
They are the silicon epitaxial-base Power Transistors for use in medium power linear and
switching applications.
The NPN complements are BD239, A, B, C.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BD240
-45
V
BD240A
-60
BD240B
-80
BD240C
-100
VCER
Collector-Emitter Voltage (RBE = 100 Ω)
BD240
-55
V
BD240A
-70
BD240B
-90
BD240C
-115
VCBO
Collector-Base Voltage
BD240
-45
V
BD240A
-60
BD240B
80
BD240C
-100
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
IC
-3
A
ICM
-7
IB
Base Current
0.5
A
PT
Power Dissipation
@ Tamb = 25° C
30
W
@ Tcase = 25° C
30
W
TJ
Junction Temperature
150
°C
TS
Storage Temperature
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-amb
Thermal Resistance, Junction-ambient
70
°C/W
RthJ-case
Thermal Resistance, Junction-case
4.17
°C/W


Similar Part No. - BD240

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD240 POINN-BD240 Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
Transys Electronics
BD240 TRSYS-BD240 Datasheet
474Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD240 FAIRCHILD-BD240 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BD240 BOURNS-BD240 Datasheet
107Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD240 SAVANTIC-BD240 Datasheet
90Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BD240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
Medium Power Linear and Switching Applications
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD681STU FAIRCHILD-BD681STU Datasheet
44Kb / 4P
Medium Power Linear and Switching Applications
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
Medium Power Linear and Switching Applications
BD240BTU FAIRCHILD-BD240BTU Datasheet
33Kb / 3P
Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com