Electronic Components Datasheet Search
  English  ▼

X  

BD241C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD241C
Description  MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD241C Datasheet(HTML) 2 Page - Comset Semiconductor

  BD241C Datasheet HTML 1Page - Comset Semiconductor BD241C Datasheet HTML 2Page - Comset Semiconductor BD241C Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BD241 – A – B – C
23/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff Current
VCE=30 V
BD241
-
-
0.3
mA
VCE=30 V
BD241A
-
-
VCE=60 V
BD241B
-
-
VCE=60 V
BD241C
-
-
IEBO
Emitter Cutoff Current
VBE=5 V
BD241
-
-
1.0
mA
BD241A
-
-
BD241B
-
-
BD241C
-
-
ICES
Collector Cutoff Current
(VBE = 0)
VCE=55 V
BD241
-
-
0.2
mA
VCE=70 V
BD241A
-
-
VCE=90 V
BD241B
-
-
VCE=115 V
BD241C
-
-
VCEO(sus)
Collector-Emitter
Sustaining
Voltage (IB = 0) (*)
IC =30mA
BD241
45
V
BD241A
60
BD241B
80
BD241C
100
hFE
DC Current Gain (*)
VCE=4 V, IC=1 A
BD241
25
-
-
-
BD241A
BD241B
BD241C
VCE=4 V, IC=3 A
BD241
10
-
-
BD241A
BD241B
BD241C
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC=3 A, IB=0.6 A
BD241
-
-
1.2
V
BD241A
BD241B
BD241C
VBE(on)
Base-Emitter Voltage (*)
VCE=4 V, IC=3 A
BD241
-
-
1.8
V
BD241A
BD241B
BD241C
hfe
Small Signal Current Gain
VCE=10 V
IC=0.5 A
f = 1KHz
BD241
20
-
-
BD241A
BD241B
BD241C
VCE=10 V
IC=0.5 A
f = 1MHz
BD241
3
-
-
-
BD241A
BD241B
BD241C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com