Electronic Components Datasheet Search
  English  ▼

X  

BD244A Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD244A
Description  SILICON PNP POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD244A Datasheet(HTML) 2 Page - Comset Semiconductor

  BD244A Datasheet HTML 1Page - Comset Semiconductor BD244A Datasheet HTML 2Page - Comset Semiconductor BD244A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD244 – A – B – C
25/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICES
Collector- Emitter Cut-
off Current
VCE = -45 V , VBE = 0
BD244
-
-
-0.4
mA
VCE = -60 V , VBE = 0
BD244A
VCE = -80 V , VBE = 0
BD244B
VCE = -100 V , VBE = 0
BD244C
ICEO
Collector Cut-off
Current
VCE = -30 V , IB = 0
BD244
-
-
-0.7
mA
BD244A
VCE = -60 V , IB = 0
BD244B
BD244C
IEBO
Emitter Cut-off Current VE B = -5 V , IC = 0
-
-
-1
mA
VCEO
Collector- Emitter
Breakdown Voltage (*)
IC = -30 mA, IB = 0
BD244
-45
-
-
V
BD244A
-60
-
-
BD244B
-80
-
-
BD244C
-100
-
-
hFE
DC Current Gain (*)
VCE = -4 V, IC = -0.3 A
30
-
-
-
VCE = -4 V, I C= -3 A
15
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC = -6 A, IB = -1 A
-
-
-1
V
VBE
Base-Emitter
Voltage(*)
VCE = -4 V, IC = -6 A
-
-
-1.6
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com