Electronic Components Datasheet Search
  English  ▼

X  

BD435 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD435
Description  SILICON NPN POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD435 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD435 Datasheet HTML 1Page - Comset Semiconductor BD435 Datasheet HTML 2Page - Comset Semiconductor BD435 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BD433 – BD435 – BD437
25/09/2012
COMSET SEMICONDUCTORS
1 | 3
SILICON NPN POWER TRANSISTORS.
The BD433-BD435-BD437 are NPN Transistors mounted in Jedec TO-126 plastic package.
They are recommended for use in medium power linear and switching applications.
PNP complements are BD434-BD436-BD438.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage (IE= 0)
BD433
22
V
BD435
32
BD437
45
VCEO
Collector-Emitter Voltage (IB= 0)
BD433
22
V
BD435
32
BD437
45
VEBO
Emitter-Base Voltage (Ic= 0)
5
V
IC
Collector Current
4
A
ICM
Collector Current Peak
7
IB
Base Current
1
A
PC
Total power Dissipation
TC = 25°C
36
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-Case
3.5
°C/W
RthJ-a
Thermal Resistance, Junction-ambient in free air
100
°C/W


Similar Part No. - BD435

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD435 STMICROELECTRONICS-BD435 Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Siemens Semiconductor G...
BD435 SIEMENS-BD435 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD435 FAIRCHILD-BD435 Datasheet
44Kb / 5P
Medium Power Linear and Switching Applications
logo
ON Semiconductor
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
STMicroelectronics
BD435 STMICROELECTRONICS-BD435 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Feb-2003
More results

Similar Description - BD435

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com