Electronic Components Datasheet Search
  English  ▼

X  

BD438 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD438
Description  SILICON PNP POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD438 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD438 Datasheet HTML 1Page - Comset Semiconductor BD438 Datasheet HTML 2Page - Comset Semiconductor BD438 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD434 – BD436 – BD438
25/09/2012
COMSET SEMICONDUCTORS
2 | 3
27/08/2012
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off
current
IE= 0, VCB= -22 V
BD434
-
-
-100
µA
IE= 0, VCB= -32 V
BD436
IE= 0, VCB= -45 V
BD438
ICES
Collector cut-off
current
VBE= 0, VCE= -22 V
BD434
-
-
-100
VBE= 0, VCE= -32 V
BD436
VBE= 0, VCE= -45 V
BD438
IEBO
Emitter cut-offcurrent
IC= 0
VEB= -5 V
BD434
-
-
-1
mA
BD436
BD438
VCEO(SUS)
Collector-Emitter
sustaning Voltage (*)
IB= 0
IC= -100 mA
BD434
-22
-
-
V
BD436
-32
-
-
BD438
-45
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -2 A
IB= -200 mA
BD434
-
-
-0.5
V
BD436
BD438
-0.6
VBE
Base-Emitter
Voltage(*)
IC= -2 A
VCE= -1 V
BD434
-
-
-1.1
V
BD436
BD438
-1.2
hFE
DC Current Gain (*)
IC= -10 mA
VCE= -5 V
BD434
40
-
130
-
BD436
BD438
30
-
130
IC= -500 mA
VCE= -1 V
BD434
85
-
140
BD436
BD438
IC= -2 A
VCE= -1 V
BD434
50
-
-
BD436
BD438
40
-
-
fT
Transition frequency
IC= -250 mA
VCE= -1 V
BD434
3
-
-
MHz
BD436
BD438
1.
Measured under pulse conditions :tP <300µs, δ <1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com