Electronic Components Datasheet Search
  English  ▼

X  

BD440 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD440
Description  SILICON PNP POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD440 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD440 Datasheet HTML 1Page - Comset Semiconductor BD440 Datasheet HTML 2Page - Comset Semiconductor BD440 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD440 – BD442
25/09/2012
COMSET SEMICONDUCTORS
2 | 3
27/08/2012
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off current
IE= 0, VCB= -60 V
BD440
-
-
-100
µA
IE= 0, VCB= -80 V
BD442
ICES
Collector cut-off current
VBE= 0, VCE= -60 V
BD440
-
-
-100
VBE= 0, VCE= -80 V
BD442
IEBO
Emitter cut-offcurrent
IC= 0
VEB= -5 V
BD440
-
-
-1
mA
BD442
VCEO(SUS)
Collector-Emitter
sustaning Voltage (*)
IB= 0
IC= -100 mA
BD440
-60
-
-
V
BD442
-80
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -2 A
IB= -200 mA
BD440
-
-
-0.8
V
BD442
VBE
Base-Emitter Voltage(*)
IC= -10 mA
VCE= -5 V
BD440
-
-0.58
-
V
BD442
IC= -2 A
VCE= -1 V
BD440
-
-
-1.5
V
BD442
hFE
DC Current Gain (*)
IC= -10 mA
VCE= -5 V
BD440
20
-
130
-
BD442
15
-
130
IC= -500 mA
VCE= -1 V
BD440
40
-
140
BD442
IC= -2 A
VCE= -1 V
BD440
25
-
-
BD442
15
-
-
fT
Transition frequency
IC= -250 mA
VCE= -1 V
BD440
3
-
-
MHz
BD442
(*) Measured under pulse conditions :tP <300µs, δ <1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com