Electronic Components Datasheet Search
  English  ▼

X  

BD442 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD442
Description  SILICON PNP POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD442 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD442 Datasheet HTML 1Page - Comset Semiconductor BD442 Datasheet HTML 2Page - Comset Semiconductor BD442 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BD440 – BD442
25/09/2012
COMSET SEMICONDUCTORS
1 | 3
27/08/2012
SILICON PNP POWER TRANSISTORS.
The BD440-BD442 are PNP Transistors mounted in Jedec TO-126 plastic package.
They are recommended for use in medium power linear and switching applications.
NPN complements are BD439-BD441.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCBO
Collector-Base Voltage (IE= 0)
BD440
-60
V
BD442
-80
VCEO
Collector-Emitter Voltage (IB= 0)
BD440
-60
V
BD442
-80
VEBO
Emitter-Base Voltage (Ic= 0)
-5
V
IC
Collector Current
-4
A
ICM
Collector Current Peak
-7
IB
Base Current
-1
A
PC
Total power Dissipation
TC = 25°C
36
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-Case
3.5
°C/W
RthJ-a
Thermal Resistance, Junction-ambient in free air
100
°C/W


Similar Part No. - BD442

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD442 MOTOROLA-BD442 Datasheet
111Kb / 4P
Plastic Medium Power Silicon PNP Transistor
logo
ON Semiconductor
BD442 ONSEMI-BD442 Datasheet
111Kb / 4P
POWER TRANSISTORS PNP SILICON
1995 REV 7
logo
STMicroelectronics
BD442 STMICROELECTRONICS-BD442 Datasheet
69Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1997
logo
Siemens Semiconductor G...
BD442 SIEMENS-BD442 Datasheet
183Kb / 5P
PNP SILICON EPIBASE TRANSISTORS
logo
Fairchild Semiconductor
BD442 FAIRCHILD-BD442 Datasheet
41Kb / 4P
Medium Power Linear and Switching Applications
More results

Similar Description - BD442

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com