Electronic Components Datasheet Search
  English  ▼

X  

BD676 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BD676
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD676 Datasheet(HTML) 3 Page - Comset Semiconductor

  BD676 Datasheet HTML 1Page - Comset Semiconductor BD676 Datasheet HTML 2Page - Comset Semiconductor BD676 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PNP BD676/A - BD678/A - BD680/A - BD682/A
COMSET SEMICONDUCTORS
3
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
Turn-on time
-Icon= 1,5A, -Ibon= Iboff= 6mA,
-
0,3
1.5
µs
toff
Turn-off time
-
1,5
5
1.
Measured under pulse conditions :tP <300µs, δ <2%.
2.
VBE decreases by about 3,6 mV/K with increasing temperature.
MECHANICAL DATA CASE TO-126
Revised August 2012
         
 
Information furnished is believed to be accurate and reliable. However, Comset Semiconductors assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. Data are subject to
change without notice. Comset Semiconductors makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does Comset Semiconductors assume any liability arising out of the application or use of any product and specifically
disclaims any and all liability, including without limitation consequential or incidental damages. Comset Semiconductors’ products are not
authorized for use as critical components in life support devices or systems.
 
 
www.comsetsemi.com
info@comsetsemi.com
DIMENSIONS
min
max
A
7.4
7.8
B
10.5
10.8
C
2.4
2.7
D
0.7
0.9
E
2.25 typ.
F
0.49
0.75
G
4.4 typ.
L
15.7 typ.
M
1.27 typ.
N
3.75 typ.
P
3.0
3.2
S
2.54 typ.
Pin 1 :
Emitter
Pin 2 :
Collector
Pin 3 :
Base



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com