Electronic Components Datasheet Search
  English  ▼

X  

BD680 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD680
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD680 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD680 Datasheet HTML 1Page - Comset Semiconductor BD680 Datasheet HTML 2Page - Comset Semiconductor BD680 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD676/A - BD678/A - BD680/A - BD682/A
COMSET SEMICONDUCTORS
2
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
-ICBO
Collector cut-off
current
IE=0 , -VCB= - 45 V
BD676/A
-
-
0,2
mA
IE=0 , -VCB= - 60 V
BD678/A
-
-
0,2
IE=0 , -VCB= - 80 V
BD680/A
-
-
0,2
IE=0 , -VCB= - 100 V
BD682/A
-
-
0,2
IE=0 , -VCB= - 45V, Tj= 150°C BD676/A
-
-
2
IE=0 , -VCB= - 60V, Tj= 150°C BD678/A
-
-
2
IE=0 , -VCB= - 80V, Tj= 150°C BD680/A
-
-
2
IE=0 , -VCB= - 100V
Tj= 150°C
BD682/A
-
-
2
-ICEO
Collector cut-off
current
IB=0 , -VCE= -½VCEOMAX
BD676/A
-
-
0,5
mA
BD678/A
-
-
0,5
BD680/A
-
-
0,5
BD682/A
-
-
0,5
-IEBO
Emitter cut-
offcurrent
IC=0, -VEB=5 V
-
-
5
mA
-VCEO(SUS)
Collector-Emitter
sustaning
Voltage
IB=0 , -IC=50 mA
BD676/A
45
V
-
V
BD678/A
60
-
BD680/A
80
-
BD682/A
100
-
-VCE(SAT)
Collector-Emitter
saturation
Voltage
BD676, BD678, BD680, BD682
-IC=1.5 A, -IB=30 mA
-
-
2,5
V
BD676A, BD678A, BD680A, BD682A
-IC=2 A, -IB=40 mA
-
-
2.8
hFE
DC Current Gain
BD676, BD678, BD680, BD682
-VCE=3 V, -IC=500 mA
-
2200
-
BD676, BD678, BD680, BD682
-VCE=3 V, -IC=1,5 A
750
-
-
BD676, BD678, BD680, BD682
-VCE=3 V, -IC=4 A
-
650
-
BD676A, BD678A, BD680A, BD682A
-VCE=3 V, -IC=2 A
750
-
-
-VBE
Base-Emitter
Voltage(1&2)
BD676, BD678, BD680, BD682
-VCE=3 V, -IC=1,5 A
-
-
2,5
V
BD676A, BD678A, BD680A, BD682A
-VCE=3 V, -IC=2 A
-
-
2.5
hfe
Small signal
current gain
-VCE=3 V, -IC=1,5 A, f= 1 MHz
10
-
-
fhfe
Ut-off frequency
-VCE=3 V, -IC=1,5 A
-
60
-
kHz
VF
Diode forward
voltage
IF=1,5 A
-
1,5
-
V
-I(SB)
Second-
breakdown
collector current
-VCE=50 V, tP= 20ms,non rep., without
heatsink
0,8
-
-
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com