Electronic Components Datasheet Search
  English  ▼

X  

BD912 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BD912
Description  POWER LINEAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD912 Datasheet(HTML) 1 Page - Comset Semiconductor

  BD912 Datasheet HTML 1Page - Comset Semiconductor BD912 Datasheet HTML 2Page - Comset Semiconductor BD912 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BD912
COMSET SEMICONDUCTORS
1/3
P
PO
OW
WE
ER
R L
LIIN
NE
EA
AR
R A
AN
ND
D S
SW
WIIT
TC
CH
HIIN
NG
G
A
AP
PP
PL
LIIC
CA
AT
TIIO
ON
NS
S..
The BD912 are PNP transistors mounted in Jedec TO-220 plastic package.
They are intended for use in power linear and switching applications.
NPN complements are BD911.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
-100
V
VCBO
Collector-Base Voltage
-100
V
VEBO
Emitter-Base Voltage
-5.0
V
IC
Collector Current
-15
A
IE
Emitter Current
-15
A
IB
Base Current
-5
A
PD
Total Device Dissipation
@ TC = 25°
90
W
TJ
Junction Temperature
150
°C
TStg
Storage Temperature range
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-case
Thermal Resistance, Junction - Case
70
K/W


Similar Part No. - BD912

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD912 MOSPEC-BD912 Datasheet
143Kb / 3P
POWER TRANSISTORS(15A,90W)
logo
STMicroelectronics
BD912 STMICROELECTRONICS-BD912 Datasheet
97Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
logo
Boca Semiconductor Corp...
BD912 BOCA-BD912 Datasheet
149Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BD912 SAVANTIC-BD912 Datasheet
148Kb / 5P
Silicon PNP Power Transistors
logo
Rectron Semiconductor
BD912 RECTRON-BD912 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - BD912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
Medium Power Linear and Switching Applications
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
Power Linear and Switching Applications
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
Power Linear and Switching Applications
logo
Comset Semiconductor
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD681STU FAIRCHILD-BD681STU Datasheet
44Kb / 4P
Medium Power Linear and Switching Applications
BD240BTU FAIRCHILD-BD240BTU Datasheet
33Kb / 3P
Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com