Electronic Components Datasheet Search
  English  ▼

X  

BDT63C Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BDT63C
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDT63C Datasheet(HTML) 4 Page - Comset Semiconductor

  BDT63C Datasheet HTML 1Page - Comset Semiconductor BDT63C Datasheet HTML 2Page - Comset Semiconductor BDT63C Datasheet HTML 3Page - Comset Semiconductor BDT63C Datasheet HTML 4Page - Comset Semiconductor BDT63C Datasheet HTML 5Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BDT63-A-B-C
26/09/2012
COMSET SEMICONDUCTORS
4 | 5
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Min
Typ
Max
Unit
VBE(on)
Base-Emitter Voltage
(*)
IC= 3 A, VCE= 3 V
BDT63
-
-
2.5
V
BDT63A
BDT63B
BDT63C
hFE
DC Current Gain (*)
VCE= 3.0 V, IC= 3 A
BDT63
1000
-
-
-
BDT63A
BDT63B
BDT63C
VCE= 3.0 V, IC= 10 A
BDT63
-
3000
-
BDT63A
BDT63B
BDT63C
VECF
C-E Diode Forward
Voltage
IF= 3 A
BDT63
-
-
2
V
BDT63A
BDT63B
BDT63C
COB
Output Capacitance
IE= 0, VCB = 10 V
ftest= 1MHz
BDT63
-
100
-
pF
BDT63A
BDT63B
BDT63C
SWITCHING TIMES
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ton
turn-on time
IC= 3 A , VCC= 10 V
IB1 = -IB2 = 12 mA
-
1
2.5
µs
toff
turn-off time
-
5
10
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com