Electronic Components Datasheet Search
  English  ▼

X  

BDW83B Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDW83B
Description  NPN SILICON DARLINGTONS POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDW83B Datasheet(HTML) 1 Page - Comset Semiconductor

  BDW83B Datasheet HTML 1Page - Comset Semiconductor BDW83B Datasheet HTML 2Page - Comset Semiconductor BDW83B Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BDW83, BDW83A, BDW83B,
BDW83C, BDW83D,
23/10/2012
COMSET SEMICONDUCTORS
1 | 3
They are silicon epitaxial-base NPN power monolithic Darlington transistor mounted in Jedec
TO-218 plastic package.
They are intended for use in power linear and switching applications.
The complementary are BDW84, BDW84A, BDW84B, BDW84C, BDW84D
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
BDW83
45
V
BDW83A
60
BDW83B
80
BDW83C
100
BDW83D
120
VCBO
Collector- Emitter Voltage
IE = 0
BDW83
45
V
BDW83A
60
BDW83B
80
BDW83C
100
BDW83D
120
VEBO
Emitter-Base Voltage
IC = 0
5
V
IC
Collector Current
15
A
IB
Base Current
0.5
A
Pt
Total Power Dissipation
25°C case temperatur
150
W
25°C free aire temperatur
3.5
TJ
Junction Temperature
-65 to +150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Junction to Case Thermal Resistance
0.83
°C/W
RthJA
Junction to Free Air Thermal Resistance
35.7
N
NP
PN
N S
SIIL
LIIC
CO
ON
N D
DA
AR
RL
LIIN
NG
GT
TO
ON
NS
S P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - BDW83B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW83B POINN-BDW83B Datasheet
182Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW83B BOURNS-BDW83B Datasheet
120Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW83B SAVANTIC-BDW83B Datasheet
147Kb / 3P
Silicon NPN Power Transistors
logo
Seme LAB
BDW83B SEME-LAB-BDW83B Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDW83B ISC-BDW83B Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - BDW83B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
NPN SILICON POWER DARLINGTONS
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Comset Semiconductor
BDV67A COMSET-BDV67A Datasheet
241Kb / 5P
NPN SILICON DARLINGTONS POWER TRANSISTORS
TIP140 COMSET-TIP140 Datasheet
74Kb / 3P
NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
TIP145 COMSET-TIP145 Datasheet
74Kb / 3P
NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
BDV67A COMSET-BDV67A_12 Datasheet
83Kb / 5P
NPN SILICON DARLINGTONS POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com