Electronic Components Datasheet Search
  English  ▼

X  

BDW84A Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BDW84A
Description  PNP SILICON DARLINGTONS POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDW84A Datasheet(HTML) 1 Page - Comset Semiconductor

  BDW84A Datasheet HTML 1Page - Comset Semiconductor BDW84A Datasheet HTML 2Page - Comset Semiconductor BDW84A Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP BDW84 – BDW84A – BDW84B
BDW84C – BDW84D
23/10/2012
COMSET SEMICONDUCTORS
1 | 3
P
PN
NP
P S
SIIL
LIIC
CO
ON
N D
DA
AR
RL
LIIN
NG
GT
TO
ON
NS
S P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
They are silicon epitaxial-base PNP power monolithic Darlington transistor mounted in
Jedec TO-218 plastic package.
They are intended for use in power linear and switching applications.
The complementary are BDW83, BDW83A, BDW83B, BDW83C, BDW83D
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
BDW84
-45
V
BDW84A
-60
BDW84B
-80
BDW84C
-100
BDW84D
-120
VCBO
Collector- Emitter Voltage IE = 0
BDW84
-45
V
BDW84A
-60
BDW84B
-80
BDW84C
-100
BDW84D
-120
VEBO
Emitter-Base Voltage
IC = 0
-5
V
IC
Collector Current
-15
A
IB
Base Current
-0.5
A
Pt
Total Power Dissipation
25°C case temperatur
150
W
25°C free aire temperatur
3.5
TJ
Junction Temperature
-65 to +150
°C
TStg
Storage Temperature
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Junction to Case Thermal Resistance
0.83
°C/W
RthJA
Junction to Free Air Thermal Resistance
35.7


Similar Part No. - BDW84A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW84A POINN-BDW84A Datasheet
155Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW84A BOURNS-BDW84A Datasheet
121Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW84A SAVANTIC-BDW84A Datasheet
148Kb / 3P
Silicon PNP Power Transistors
logo
Seme LAB
BDW84A SEME-LAB-BDW84A Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDW84A ISC-BDW84A Datasheet
136Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - BDW84A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD646 POINN-BD646 Datasheet
150Kb / 6P
PNP SILICON POWER DARLINGTONS
BD896 POINN-BD896 Datasheet
151Kb / 6P
PNP SILICON POWER DARLINGTONS
TIP115 POINN-TIP115 Datasheet
160Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDT60 TRSYS-BDT60 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
TIP115 TRSYS-TIP115 Datasheet
722Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
PNP SILICON POWER DARLINGTONS
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Comset Semiconductor
BDW84C COMSET-BDW84C Datasheet
102Kb / 2P
PNP SILICON DARLINGTONS POWER TRANSISTORS
BDV64 COMSET-BDV64 Datasheet
77Kb / 4P
PNP SILICON DARLINGTONS POWER TRANSISTORS
BDV66 COMSET-BDV66 Datasheet
79Kb / 4P
PNP SILICON DARLINGTONS POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com