Electronic Components Datasheet Search
  English  ▼

X  

BSV16 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BSV16
Description  MEDIUM POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSV16 Datasheet(HTML) 2 Page - Comset Semiconductor

  BSV16 Datasheet HTML 1Page - Comset Semiconductor BSV16 Datasheet HTML 2Page - Comset Semiconductor BSV16 Datasheet HTML 3Page - Comset Semiconductor BSV16 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP BSV15 – BSV16 – BSV17
12/11/2012
COMSET SEMICONDUCTORS
2/4
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector – Cutoff
Current
IE= 0, VCB= -40 V
BSV15
-
-
-100
nA
IE= 0, VCB = -60 V
BSV16
IE= 0, VCB = -80 V
BSV17
IE= 0, V
Tamb = 150°c
VCB =-40 V
BSV15
-
-
-50
µA
VCB =-60 V
BSV16
VCB =-80 V
BSV17
IEBO
Emitter – Cutoff
Current
IC= 0, VCE= -4V
BSV15
-
-
-50
nA
BSV16
BSV17
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= -500 mA, IB= -25 mA
BSV15
-
-
-1
V
BSV16
BSV17
VBE
Base-Emitter Voltage
(*)
IC= -100 mA, VCE= -1V
BSV15
-
-
-1
BSV16
BSV17
IC= -500 mA, VCE= -1V
BSV15
-
-
-1
V
BSV16
BSV17
hFE
DC Current Gain (*)
IC= -100 µA
VCE= -1 V
Gr.10
BSV15
20
75
-
-
BSV16
BSV17
Gr.16
BSV15
30
120
-
BSV16
IC= -100 mA
VCE= -1 V
Gr.10
BSV15
63
100
160
BSV16
BSV17
Gr.16
BSV15
100
160
250
BSV16
IC= -500 mA
VCE= -1 V
Gr.10
BSV15
25
55
-
BSV16
BSV17
Gr.16
BSV15
35
85
-
BSV16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com