Electronic Components Datasheet Search
  English  ▼

X  

BSX62 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BSX62
Description  SWITCHING TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BSX62 Datasheet(HTML) 2 Page - Comset Semiconductor

  BSX62 Datasheet HTML 1Page - Comset Semiconductor BSX62 Datasheet HTML 2Page - Comset Semiconductor BSX62 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N
NP
PN
N BSX62-BSX63
26/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB = 40 V, IE =0
BSX62
-
-
100
nA
VCB = 60 V, IE =0
BSX63
VCB = 40 V, IE = 0
Tj = 150°C
BSX62
-
-
100
µA
VCB = 60 V, IE =0
Tj = 150°C
BSX63
IEBO
Emitter Cutoff Current
VBE = 5.0 V, IC =0
-
-
100
nA
VCE(SAT)
Collector-Emitter
saturation Voltage
IC = 1 A, IB = 100 mA
-
-
0.7
V
IC = 2 A, IB = 200 mA
-
-
0.8
VBE(SAT)
Base-Emitter saturation
Voltage
IC = 1 A, IB = 100 mA
-
-
1.2
V
IC = 2 A, IB = 200 mA
-
-
1.3
VBE
Base-Emitter Voltage
IC = 100 mA, VCE = 1 V
-
-
1
V
IC = 1 A, VCE = 1 V
1
-
1.2
IC = 2 A, VCE = 5 V
-
-
1.3
hFE
DC Current Gain
IC = 100 m
VCE = 1 V
BSX62/10
-
110
-
-
BSX63/10
BSX62/16
-
180
-
BSX63/16
IC = 1 A
VCE = 1 V
BSX62/10
63
100
160
BSX63/10
BSX62/16
100
160
250
BSX63/16
IC = 2 A
VCE = 1 V
BSX62/10
-
70
-
BSX63/10
BSX62/16
-
120
-
BSX63/16
fT
Transition frequency
IC = 200 mA, VCE = 10 V
f = 100MHz
30
70
-
MHz
CC
Collector capacitance
IE = ie =0, VCB = 10 V
f = 1MHz
-
-
70
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com