Electronic Components Datasheet Search
  English  ▼

X  

BT137 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BT137
Description  TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BT137 Datasheet(HTML) 2 Page - Comset Semiconductor

  BT137 Datasheet HTML 1Page - Comset Semiconductor BT137 Datasheet HTML 2Page - Comset Semiconductor BT137 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BT137 Series
26/09/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
VDRM
Repetitive peak off-state
voltage
ID = 0.1 mA
BT137-500
500
-
-
V
BT137-600
600
-
-
BT137-800
800
-
-
VRRM
Repetitive peak reverse
voltage
ID = 0.5 mA
BT137-500
500
-
-
BT137-600
600
-
-
BT137-800
800
-
-
IGT
Gate trigger current
VD = 12 V
RL = 100 Ω
T2+ G+
-
-
10
mA
T2+ G-
-
-
10
T2- G-
-
-
10
T2- G+
-
-
25
VGT
Gate trigger voltage
VD = 12 V
RL = 100 Ω
T2+ G+
-
-
1.5
V
T2+ G-
-
-
1.5
T2- G-
-
-
1.5
T2- G+
-
-
1.8
IL
Latching current
VD = 12 V
IGT = 100 mA
T2+ G+
-
-
45
mA
T2+ G-
-
-
60
T2- G-
-
-
45
T2- G+
-
-
60
IH
Holding current
IT = 200 mA, IGT = 50 mA
-
-
50
mA
ID
Off-state leakage current
VD = VDRM max
Tj = 125°C
-
-
0.5
mA
VT
On-state voltage
IT = 20 A
-
-
1.6
V
dVD/dt
Critical rate of rise of
off-state voltage
VDM = 67% VDRMmax
Tj = 125°C
Exponential waveform;
gate open circuit
100
250
-
V/µs
dVCOM/dt
Critical rate of rise of
change commutatating
current
VD = 400 V; Tj = 95 °C
dIcom/dt = 3.6 A/ms; IT = 8 A
gate open circuit
-
20
-
V/µs
tgt
Gate controlled turn-on
time
ITM = 12 A; VD = VDRMmax
IG = 0.1 A; dIG/dt = 5 A/µs
-
2
-
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com