Electronic Components Datasheet Search
  English  ▼

X  

DPKA-32PC-7 Datasheet(PDF) 71 Page - ITT Industries

Part # DPKA-32PC-7
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DPKA-32PC-7 Datasheet(HTML) 71 Page - ITT Industries

Back Button DPKA-32PC-7 Datasheet HTML 67Page - ITT Industries DPKA-32PC-7 Datasheet HTML 68Page - ITT Industries DPKA-32PC-7 Datasheet HTML 69Page - ITT Industries DPKA-32PC-7 Datasheet HTML 70Page - ITT Industries DPKA-32PC-7 Datasheet HTML 71Page - ITT Industries DPKA-32PC-7 Datasheet HTML 72Page - ITT Industries DPKA-32PC-7 Datasheet HTML 73Page - ITT Industries DPKA-32PC-7 Datasheet HTML 74Page - ITT Industries DPKA-32PC-7 Datasheet HTML 75Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 120 page
background image
DPXA
DPXB
NOTE -
1.781 (45.24)
.125 (3.15)
RAD. TYP.
.750
(19.05)
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
4 HOLES
2.062 (52.38)
1.437
(36.50)
1.437
(36.50)
1.720
(43.70)
1.720
(43.70)
.720
(18.29)
.720
(18.29)
.580
(14.73)
1.440
(3.66)
.260 (6.60)
1.25
(3.18)
1.78 (4.52)
1.350
(34.30)
.561
(14.25)
.125 R. TYP.
(3.18)
- 33 Front Mount
- 33 Rear Mount
- 34 Rear Mount
- 34 Front Mount
1.720
(43.69)
OF
INSERT
.718
(18.24)
.718
(18.24)
CL
OF INSERT
CL
CL
CL
1.140
(28.96)
WHEN USING THE -2301 FLOATING EYELET
MODIFICATION, ADD .050 (1.27) TO THE CUTOUT
SIZE TO ALLOW FOR FLOAT (EXCEPTION -34A)
ARINC 404
DPX
Panel Cutouts
71
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com