Electronic Components Datasheet Search
  English  ▼

X  

1MC06008 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 1MC06008
Description  Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

1MC06008 Datasheet(HTML) 1 Page - RMT Ltd.

  1MC06008 Datasheet HTML 1Page - RMT Ltd. 1MC06008 Datasheet HTML 2Page - RMT Ltd. 1MC06008 Datasheet HTML 3Page - RMT Ltd. 1MC06008 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
53 Leninskij prosp. Moscow 119991 Russia, ph: +7-499-132-6817, fax: +7-499-783-3664, web: www.rmtltd.ru
Copyright 2008. RMT Ltd. The design and specifications of products can be changed by RMT Ltd without notice.
Page 1 of 4
A. TEC Assembly:
Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3(100%)
2.Alumina (Al2O3- 96%)
3.Aluminum Nitride (AlN)
100% Al2O3 used as standard
Options available
Performance Parameters
Technical Drawing
Thermoelectric Module Datasheet
RMT Ltd
1MC06-008-XX
Performance data are given at 300K, vacuum
C. Ceramics Surface Options
1. Blank ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Solder 94 (PbSnBi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor (optional)
Can be mounted to cold side
ceramics edge. Calibration
is available.
E. Terminal wires
1. Pre-tinned Copper
2. Insulated Wires
3. Insulated Color Coded
Type
ΔTmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
h
mm
1MC06-008-xx (N=8)
1MC06-008-05
69
1.8
3.4
1.0
0.24
1.6
0.5
1MC06-008-08
70
1.2
2.2
0.37
1.9
0.8
1MC06-008-10
71
1.0
1.8
0.46
2.1
1.0
1MC06-008-12
71
0.8
1.5
0.55
2.3
1.2
1MC06-008-15
72
0.7
1.2
0.69
2.6
1.5


Similar Part No. - 1MC06008

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06004 RMT-1MC06004 Datasheet
250Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06007 RMT-1MC06007 Datasheet
248Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
More results

Similar Description - 1MC06008

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
1MC06004 RMT-1MC06004 Datasheet
250Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06007 RMT-1MC06007 Datasheet
248Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06012 RMT-1MC06012 Datasheet
250Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06017 RMT-1MC06017 Datasheet
252Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five different heights as options.
1MC06030 RMT-1MC06030 Datasheet
250Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06046 RMT-1MC06046 Datasheet
252Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06050 RMT-1MC06050 Datasheet
252Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06060 RMT-1MC06060 Datasheet
250Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06105 RMT-1MC06105 Datasheet
252Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
1MC06142 RMT-1MC06142 Datasheet
252Kb / 4P
Miniature Single- and Multistage thermoelectric coolers with pellets cross-section 0.6x0.6 mm. Each TEC type is available with five erent heights as options
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com