Electronic Components Datasheet Search
  English  ▼

X  

2CL103 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL103
Description  9kV 350mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL103 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL103 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
-
nS
2CL103
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
350
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL103
Cathode Mark
20 min.
20 min.
21
o 7.0
o 1.2
Cathode Mark
Lot No.
9kV 350mA HIGH VOLTAGE DIODE
GETE ELECTRONICS CO.,LTD Http://www.getedz.com E-mail:sales@getedz.com
2012
=0V,f=1MHz
1
2CL10x
Type
Mark
2CL103
2CL103
10
30
3.0
30
9
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
2CL103
=IF(AV)
=VRRM
=VRRM


Similar Part No. - 2CL103

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL103 EDI-2CL103 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
More results

Similar Description - 2CL103

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB495D TSC-RB495D_11 Datasheet
135Kb / 3P
40V, 350mA, SMD Schottky Diode
logo
Rugao Dachang Electroni...
CL01-09 DACHANG-CL01-09 Datasheet
109Kb / 2P
Plastic High Voltage Rectifier Reverse Voltage 9KV Forward Current 350mA
logo
GETAI ELECTRONICS DEVIC...
2CL104 GETEDZ-2CL104 Datasheet
80Kb / 1P
12kV 350mA HIGH VOLTAGE DIODE
2CL105 GETEDZ-2CL105 Datasheet
80Kb / 1P
9kV 450mA HIGH VOLTAGE DIODE
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
12kV 350mA HIGH VOLTAGE DIODES
HV37-10 GETEDZ-HV37-10 Datasheet
80Kb / 1P
10kV 350mA HIGH VOLTAGE DIODE
HV37-10F GETEDZ-HV37-10F Datasheet
80Kb / 1P
10kV 350mA HIGH VOLTAGE DIODE
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
69Kb / 1P
350mA 12kV HIGH VOLTAGE DIODES
ESJC30-05 GETEDZ-ESJC30-05 Datasheet
101Kb / 1P
5kV 350mA HIGH VOLTAGE DIODE
ESJC13-09 GETEDZ-ESJC13-09 Datasheet
69Kb / 1P
450mA 9kV HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com